Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 49 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 49 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 45Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 46Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 47Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 48Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 49Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 50Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 51Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 52Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 53Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
49/65
6.2. SPI INTERFACE DATA TRANSMISSION
The data transmission is controlled by the active HIGH chip enable signal CE. The data transfer is initiated by the
Master by raising the chip enable signal CE of the considered Slave device to “1”.
At the beginning of SPI bus data transmission, a copy of the content of the addressed Watch, Alarm, Timer and
Temperature registers is stored into a cache memory. During read / write operation, data are provided from this
cache memory.
To prevent faulty reading, data in the cache memory are kept stable until the SPI bus data transmission is
terminated. When the Master is pulling the CE to “0”, the content of the modified registers in the cache memory are
copied back into the corresponding Watch, Alarm, Timer and Temperature registers.
Each data transfer is a byte, with the Most Significant Bit (MSB) sent first. The first byte transmitted is the
Command Byte, defining the address of the first register to be accessed and the read or write mode.
One data bit is transferred during each SCL clock pulse. Data are sampled on the rising edge of the SCL clock and
internally transferred on the falling edge of the SCL clock. In idle mode, SCL shall be LOW.
The register address (within the same page) will automatically increment after transmission of every byte. The page
address remains unchanged until data transfer is stopped and a new data transfer is initiated. Therefore, CE must
return LOW before a new data transfer can be executed.
Data transfer is terminated by the Master by pulling the chip enable CE of the addressed Slave device to “0”.
Data Transfer Overview
6.2.1.COMMAND BYTE DEFINITION
Bit
Symbol
Value
Description
7
R/W
Data read or write selection
0
Write data; master writes data on the SDI line
1
Read data; RV-3049 writes data on the SDO line
6 to 3
PA
-0xxx
Page Address; the not transmitted bit 7 of the page address is set internally
to = “0”
2 to 0
RA
000
111
Register Address; will be automatically incremented after transmission of
each byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com