Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 41 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 41 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 37Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 38Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 39Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 40Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 41Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 42Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 43Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 44Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 45Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
41/65
5.3. METHOD OF COMPENSATING THE FREQUENCY DEVIATION
The Frequency Compensation Unit (FCU) calculates every 32 seconds the compensation factor needed to obtain
accurate time information. The compensation is made by adding or subtracting correction clocks to the 32.768 kHz
reference frequency at the first stage of the frequency divider chain, thereby changing the period of a single
second.
Extra clocks are added for to speed-up the timing, subtracting clocks to slow-down the timing.
If 32.768 kHz Clock too fast: then 32.768kHz clocks are suppressed to obtain a compensated and
accurate RTC timing.
If 32.768 kHz Clock too slow: then extra correction clocks are added to obtain a compensated and
accurate RTC time.
Each compensation period takes 32 seconds. Correction clocks are periodically applied during one complete
compensation period. Within a compensation period of 32 seconds, one correction clock will compensate the time
information by ±1 ppm.
Time compensation cycle 32 seconds: within a time compensation cycle of 32 seconds, the required
numbers of 32.768kHz clocks are periodically suppressed (or added) to compensate the anticipated
deviation of 32.768kHz reference clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com