Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 17 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 17 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 13Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 14Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 15Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 16Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 17Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 18Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 19Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 20Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 21Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
17/65
Alarm Days (address 13h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
13h
Days Alarm
AE_D
X
20
10
8
4
2
1
Bit
Symbol
Value
Description
7
AE_D
0
Day Alarm is disabled
1
Day Alarm is enabled
6
X
-
Unused
5 to 0
Days Alarm
1 to 31
These registers hold the Day Alarm information coded in BCD
Alarm Weekdays (address 14h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
14h
Weekday Alarm
AE_W
X
X
X
X
4
2
1
Bit
Symbol
Value
Description
7
AE_W
0
Weekday Alarm is disabled
1
Weekday Alarm is enabled
6 to 3
X
-
Unused
2 to 0
Weekday Alarm
1 to 7
These registers hold the Weekday Alarm information coded in BCD
Alarm Months (address 15h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
15h
Months Alarm
AE_M
X
X
10
8
4
2
1
Bit
Symbol
Value
Description
7
AE_M
0
Months Alarm is disabled
1
Months Alarm is enabled
6 to 5
X
-
Unused
4 to 0
Months Alarm
1 to 12
These registers hold the Months Alarm information coded in BCD
Alarm Years (address 16h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
16h
Year Alarm
AE_Y
40
20
10
8
4
2
1
Bit
Symbol
Value
Description
7
AE_Y
0
Year Alarm is disabled
1
Year Alarm is enabled
6 to 0
Year Alarm
0 to 79
These registers hold the Year Alarm information coded in BCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com