Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 47 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 47 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 43Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 44Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 45Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 46Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 47Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 48Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 49Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 50Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 51Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
47/65
6. SPI INTERFACE
SPI Interface connects Master and one or multiple Slave devices. Data transfer to and from the devices is made via
a 4-wire (3-wire) SPI bus. The four lines are: Chip Enable (CE), Serial-CLock (SCL), Serial-Data-Output (SDO) and
Serial-Data-Input (SDI).
The chip enable signal CE is used to enable the considered device and to identify the transmitted data.
The data lines for input and output are split into two separate lines. However, the Data-Input SDI and Data-Output
SDO lines can be connected together to facilitate a bidirectional data bus in single wire mode.
6.1. SPI INTERFACE SYSTEM CONFIGURATION
SPI Serial Interface
Symbol
Function
Description
SCL
Serial Clock Input
Serial Clock Input pin; this Input may float when CE is LOW (inactive), may be higher than VDD
SDI
Serial Data Input
Serial Data Input pin; this Input may float when CE is LOW (inactive), may be higher than VDD; input
data is sampled on the rising edge of SCL
SDO
Serial Data Output
Serial Data Output pin; push-pull drives from VSS to VDD; high-impedance when not driving; can be
connected to SDI for single-wire data line, output data is changed on the falling edge of SCL
CE
Chip Enable input
Chip Enable input active HIGH but may not be wired permanently HIGH, with internal 100 kΏ pull-down
resistor, when LOW the interface is reset.
SDI / SDO Configurations
Note:
The data lines for input and output are split into two separate lines, however, the Data-Input SDI and Data-Output
SDO lines can be connected together to facilitate a bidirectional data bus in single wire mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com