Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 45 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 45 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 41Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 42Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 43Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 44Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 45Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 46Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 47Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 48Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 49Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
45/65
5.4. TIME ACCURACY OPT: A / OPT: B
Option A: parts individually calibrated over the temperature range
To obtain the best possible accuracy over the temperature-range, Option A parts are individually calibrated over
the entire temperature range.
XTAL offset:
Frequency deviation @ 25°C
Individually compensated
XTAL T0:
Turnover temperature
Individually calibrated over temperature
XTAL temp. coefficient: Frequency drift vs temperature
Individually calibrated over temperature
Thermometer error:
Thermometer accuracy
Individually acquired over temperature,
correction value individually embedded
in XTAL parameters
Every part RV-3049 Opt: A is individually measured over the temperature range to derive thermometer’s and
crystal’s characteristics over the temperature range in order to achieve optimized time accuracy. Based on the
temperature data, frequency correction values are calculated and individually programmed into the
corresponding EEPROM register by the factory.
Below chart shows the time deviation of 30 tested devices over the temperature range of 30 individually
calibrated RTC’s (Opt: A) after the components were reflow soldered onto a PCB, the red dotted line shows the
specified time accuracy for Option: A devices.
Option A:
Temperature range
Time deviation
25°C
±3 ppm =
±0.26 seconds per day
0°C to + 50°C
±4 ppm =
±0.35 seconds per day
-10°C to + 60°C
±5 ppm =
±0.44 seconds per day
-40°C to + 85°C
±6 ppm =
±0.52 seconds per day
-40°C to +125°C
±8 ppm =
±0.70 seconds per day
Option: A
(calibrated)
Time Deviation vs. Temperature
-12.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
Temperature [°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com