Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 19 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 19 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 15Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 16Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 17Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 18Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 19Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 20Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 21Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 22Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 23Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
19/65
3.8. EEPROM CONTROL PAGE REGISTER FUNCTION
The EEPROM Control Page contains 4 non-volatile EEPROM registers.
With Register EEPROM Control, the settings for Trickle-Charger (bit 7-4), the CLKOUT frequency (bit 3&2) and the
Thermometer (bit 1&0) can be controlled.
The registers XTAL Offset, XTAL Coef and XTAL T0 contain the factory calibrated, individual crystal parameters to
compensate the frequency deviation over the temperature range.
Please see section 4.3 EEPROM MEMORY ACCESS for detailed instructions how to handle EEPROM read / write
access.
3.8.1.EEPROM CONTROL (address 30h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
30h
EEPROM Control
R80k
R20k
R5k
R1k
FD1
FD0
ThE
ThP
Bit
Symbol
Value
Description
Reference
7
R80k
0
Disables 80 kΏ trickle charge resistor
See section 4.1.
1
Enables 80 kΏ trickle charge resistor
6
R20k
0
Disables 20 kΏ trickle charge resistor
1
Enables 20 kΏ trickle charge resistor
5
R5k
0
Disables 5 kΏ trickle charge resistor
1
Enables 5 kΏ trickle charge resistor
4
R1k
0
Disables 1.5 kΏ trickle charge resistor
1
Enables 1.5 kΏ trickle charge resistor
3
FD1
00
01
10
11
Selects Clock Frequency at CLKOUT pin
See section 4.9.
2
FD0
1
ThE
0
Disables Thermometer
See section 5.2.1.
1
Enables Thermometer
0
ThP
0
Set Temperature Scanning Interval:
1 second
See section 5.2.1.
1
Set Temperature Scanning Interval:
16 seconds
3.8.2.XTAL OFFSET (address 31h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
31h
XTAL Offset
sign
64
32
16
8
4
2
1
Bit
Symbol
Value
Description
Reference
7
Sign
0
- Deviation (slower) of 32.768kHz frequency at T0
See section 5.2.2.
1
+ Deviation (faster) of 32.768kHz frequency at T0
6 to 0
XTAL Offset
1)
0 to 121
Frequency Offset Compensation value
1) The XTAL Offset register value is factory programmed according to the crystal’s initial frequency-tolerance. For best time-accuracy, the
content of this register must not be changed by the user.
3.8.3.XTAL TEMPERATUR COEFFICIENT (address 32h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
32h
XTAL Coef
128
64
32
16
8
4
2
1
Bit
Symbol
Value
Description
Reference
7 to 0
XTAL Coef
1)
0 to 255
Quadratic Coefficient of XTAL’s Temperature Drift
See section 5.2.2.
1) The XTAL Coef register value is factory programmed according to the crystal parameters over temperature. For best time-accuracy, the
content of this register must not be changed by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com