Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 34 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 34 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 30Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 31Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 32Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 33Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 34Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 35Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 36Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 37Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 38Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
34/65
4.6. INTERRUPT OUTPUT INT
An active LOW Interrupt signal is available at INT pin.
The INT is an open-drain output and requires a pull-up resistor to VDD.
Interrupts may be sourced from five places:
•
Alarm function
•
Countdown Timer function
•
VLOW1 detection
•
VLOW2 detection
•
System Reset function
All Interrupt signals follow the condition of their corresponding flags in the bits 0 to 4 of register Control_INT Flag at
address 02h.
Alarm Interrupt:
Generation of Interrupts from the Alarm function is enabled via “AIE” = “1” (bit 0 in register Control_INT). If “AIE” is
enabled, the INT pin follows the condition of Flag “AF” (bit 0 in register Control_INT Flag). To clear Interrupt signal
( INT ), the corresponding flag “AF” needs to be cleared by writing = “0”, clearing “AF” will immediately clear INT .
Timer Interrupt:
Generation of Interrupts from the Countdown Timer is enabled via “TIE” = “1” (bit 1 in register Control_INT). If “TIE”
is enabled, the INT pin follows the condition of Flag “TF” (bit 1 in register Control_INT Flag). To clear Interrupt
signal ( INT ), the corresponding flag “TF” needs to be cleared by writing = “0”, clearing “TF” will immediately clear
INT .
VLOW1 Interrupt:
Generation of Interrupts from the Voltage Low 1 detection is enabled via “V1IE” = “1” (bit 2 in register Control_INT).
If “V1IE” is enabled, the INT pin follows the condition of Flag “V1IF” (bit 2 in register Control_INT Flag). To clear
Interrupt signal ( INT ), both corresponding flags “V1IF” (bit 2 in register Control_INT Flag) and “V1F” (bit 2 in
register Control_Status) need to be cleared by writing = “0”.
VLOW2 Interrupt:
Generation of Interrupts from the Voltage Low 2 detection is enabled via “V2IE” = “1” (bit 3 in register Control_INT).
If “V2IE” is enabled, the INT pin follows the condition of Flag “V2IF” (bit 3 in register Control_INT Flag). To clear
Interrupt signal ( INT ), both corresponding flags “V2IF” (bit 3 in register Control_INT Flag) and “V2F” (bit 3 in
register Control_Status) need to be cleared by writing = “0”.
System Reset Interrupt:
Generation of Interrupts from the System Reset function is enabled via “SRIE” = “1” (bit 4 in register Control_INT).
If “SRIE” is enabled, the INT pin follows the condition of Flag “SRF” (bit 4 in register Control_INT Flag). To clear
Interrupt signal ( INT ), both corresponding flags “SRF” (bit 4 in register Control_INT Flag) and “SR” (bit 4 in register
Control_Status) need to be cleared by writing = “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com