Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 37 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 37 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 33Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 34Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 35Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 36Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 37Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 38Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 39Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 40Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 41Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
37/65
5. COMPENSATION OF FREQUENCY DEVIATION AND FREQUENCY DRIFT vs
TEMPERATURE
There is a Thermometer and a Frequency Compensation Unit “FCU” built-in the RV-3049.
Based on all known tolerances and the measured ambient temperature, this Frequency Compensation Unit “FCU”
is calculating every 32 seconds a Frequency Compensation Value. The frequency compensation itself is achieved
by adding or subtracting clock-pulses to the 32.768 kHz reference clock, one compensation period takes 32
seconds.
All required parameters for frequency compensation are factory calibrated and should not be modified to profit from
best time accuracy.
Frequency deviations affecting the time accuracy of Real Time Clocks:
XTAL offset:
Xtal’s frequency deviation ±20 ppm @ 25°C
XTAL T0:
Xtal’s turnover temperature 25°C ±5°C
XTAL temp. coefficient:
Xtal’s frequency drift vs temperature -0.035 ppm * (T-T0)
2 ±10%
5.1. TEMPERATURE CHARACTERISTICS TUNING FORK CRYSTAL
Typical Frequency Deviation of a 32.768 kHz Tuning Fork Crystal over Temperature
-180.0
-160.0
-140.0
-120.0
-100.0
-80.0
-60.0
-40.0
-20.0
0.0
20.0
-60
-40
-20
0
20
40
60
80
100
T [°C]
-0.035 ppm * (T-T0)
2 (±10%)
T0 = 25°C (±5)
Above graph shows the typical frequency-deviation of a 32.768kHz “Tuning-Fork” Crystal over temperature.
The parabolic curve is specified in terms of turnover temperature “T0” and the quadratic thermal coefficient “β”.
T0: turnover temperature 25°C ±5°C
Β
: 2
nd order temperature coefficient -0.035 ppm * (T-T
0)
2 ±10% (quadratic thermal coefficient)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com