Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 24 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 24 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 20Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 21Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 22Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 23Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 24Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 25Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 26Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 27Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 28Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
24/65
Minimum Supply Voltage and Low Voltage Detection
VDD
VLOW 2
1.3 V
VLOW 1
2.1 V
0 V
1.0 V
2.0 V
3.0 V
4.0 V
5.0 V
5.5 V
VDD max
5.5 V
Supply
Voltage
VPROG
2.2 V
Timekeeping
Function
SPI Interface
Function
Temperature
Compensation /
Thermometer
EEPROM
Function
At first power-up, the supply voltage has to exceed VLOW1 threshold to enable and correctly setup all function of
the device.
Timekeeping Function:
Keeping track of Time & Date depends on the 32.768kHz oscillator operates safely over the specified
temperature range. Timekeeping function is guaranteed for a supply voltage down to VLOW2 threshold, below this
voltage the 32.768kHz oscillator may stop and the time & date information might be corrupted.
Temperature Compensation:
The Frequency Compensation Unit “FCU” operates with supply voltages down to VLOW2 threshold. The
Thermometer requires a supply voltage of ≥ VLOW1 threshold. Supply voltages below VLOW1 threshold will
automatically disable the Thermometer; the last correct temperature reading is frozen in the register
“Temperature”. The Frequency Compensation Unit continues to operate with the last temperature-reading down
to a supply voltage ≥ VLOW1 threshold.
SPI interface:
The SPI interface operates with max. SCL clock rate down to a supply voltage of ≥ VLOW1 threshold. Between
VLOW1 and VLOW2 threshold, the interface still operates at reduced SCL clock rate.
EEPROM read / write access:
EEPROM read access is possible down to a supply voltage of ≥ VLOW2 threshold.
EEPROM write cycle requires a minimum supply voltage of ≥ VPROG of 2.2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com