Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 28 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 28 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 24Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 25Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 26Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 27Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 28Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 29Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 30Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 31Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 32Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
28/65
4.3. EEPROM MEMORY ACCESS
The EEPROM Memory has a built-in automatic EEPROM Refresh function, controlled by “EERE” (bit 3 in register
Control_1). If enabled, this function automatically refreshes the content of the EEPROM Memory Pages once an
hour.
The “EEbusy” will be set = “1” (bit 7 in register Control_Status) if the EEPROM Memory Pages are busy due to
write or automatic refresh cycle is in progress. “EEbusy” goes = “0” when writing is finished, EEPROM Memory
Pages shall only be accessed when not busy, i.e. when “EEbusy” = “0”.
A special EEPROM access procedure is required preventing access collision between the internal automatic
EEPROM refresh cycle and external read / write access through interface.
•
Set “EERE” = “0”
Automatic EEPROM Refresh needs to be disabled before EEPROM access.
•
Check for “EEbusy” = “0” Access EEPROM only if not busy
•
Set “EERE” = “1”
It is recommended to enable Automatic EEPROM Refresh at the end of
read / write access
•
Write EEPROM
Allow 10ms wait-time after each written EEPROM register before checking for
EEbusy = “0” to allow internal data transfer
Read access:
Write access:
Disable automatic
Disable automatic
EEPROM refresh
EEPROM refresh
Check if EEPROM is busy?
Check if EEPROM is busy?
EEPROM read access
EEPROM write access
is permitted
is permitted
Wait 10ms to allow
internal EEPROM write
Enable automatic
Wait until previous
EEPROM refresh
write cycle is finished
Enable automatic
EEPROM refresh
Note:
A minimum power supply voltage of VPROG = 2.2V is required during the whole EEPROM write procedure; i.e. until
“EEbusy” = “0”.
Clear EERE
EEbusy = 0?
Write EEPROM
Next write?
Set EERE = 1
EEbusy = 0?
No
Yes
Yes
Yes
No
No
Wait
10ms
Clear EERE
EEbusy = 0?
Read EEPROM
Next read?
Set EERE = 1
Yes
No
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com