Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 29 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 29 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 25Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 26Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 27Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 28Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 29Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 30Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 31Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 32Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 33Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
29/65
4.4. TIMER FUNCTION
The RV-3049 offers different Alarm and Timer functions which allow simply generating highly versatile timing-
functions.
The Countdown Timer is controlled by the register Control_1. Bit 1 “TE” enables the Timer function; bits 5 & 6
“TD0” and “TD1” determine one of 4 Timer Source Clock frequencies (32 Hz, 8 Hz, 1 Hz, or 0.5Hz).
The Timer counts down from a software-loaded 16-bit binary value ,n’, “Timer Low” (bit 0-7 at address 18h) and
“Timer High” (bit 0-7 at address 19h). Values, n’ from 1 to 65536 are valid; loading the counter with ,n’ = “0”
effectively stops the timer. The end of every Timer countdown is achieved when the Timer Counter value ,n’
reaches = “0”.
Countdown Timer can be set in Automatic Reload mode by “TAR” = “1” (bit 2 of register Control_1), the counter
automatically re-loads Timer countdown value, n’ and starts the next Timer period. Automatic reload of the
countdown value ,n’ requires 1 additional timer source clock. This additional timer source clock has no effect on the
first Timer period, but it has to be taken into account since it results in a Timer duration of ,n+1’ for subsequent
timer periods.
The generation of Interrupts from the Countdown Timer function is enabled by “TIE” = “1” (bit 1 in register
Control_INT). If Timer Interrupt is enabled by “TIE” = “1”, the Timer Flag “TF” (bit 1 in register Control_INT Flag) will
be set = “1” at the end of every Timer countdown. The Interrupt signal INT follows the condition of Timer Flag “TF”
(bit 1 in register Control_INT Flag), the INT signal can be cleared by clearing the “TF” = “0”.
Control of the Countdown Timer Functions (address 00h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00h
Control_1
Clk/Int
TD1
TD0
SROn
EERE
TAR
TE
WE
Bit
Symbol
Value
Description
6
TD1
00
Timer Source Clock Frequency: 32 Hz
01
Timer Source Clock Frequency: 8 Hz
5
TD0
10
Timer Source Clock Frequency: 1 Hz
11
Timer Source Clock Frequency : 0.5 Hz
2
TAR
0
Disables Countdown Timer Auto-Reload mode
1
Enables Countdown Timer Auto-Reload mode
1
TE
0
Disables Countdown Timer
1
Enables Countdown Timer
The Timer Source Clock Frequency “TD0” & “TD1” and the Timer Auto Reload mode “TAR” can only be written
when the Timer is stopped by “TE” = “0” (bit 1 in register Control_1).
The Countdown Timer values in “Timer Low” and “Timer High” can only be written when the Timer is stopped by
“TE” = “0” and Timer Auto Reload mode is disabled “TAR” = “0”.
Register Countdown Timer (addresses 18h / 19h…bits description)
Register 18h is loaded with the low byte of the 16-bit Countdown Timer value ,n’
Register 19h is loaded with the high byte of the 16-bit Countdown Timer value ,n’
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
18h
Timer Low
128
64
32
16
8
4
2
1
19h
Timer High
128
64
32
16
8
4
2
1
Bit
Symbol
Value
Description
18h
Timer Low
xx01 to xxFF
Countdown value = n
Countdown period
Frequency
Clock
Source
n
=
19h
Timer High
00xx to FFxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com