Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 43 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 43 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 39Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 40Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 41Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 42Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 43Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 44Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 45Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 46Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 47Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
43/65
5.3.3.TESTING THE TIME ACCURACY USING INTERRUPT OUTPUT 1 Hz
The internal Countdown Timer can be used to generate a 1 Hz test signal at the INT output. However, this
procedure is more complicated than using CLKOUT, therefore the following instructions shall be read carefully to
avoid mistakes.
Enable temperature compensation:
•
Select scanning interval 1 s:
set “ThP” = “0” (bit 0 register EEPROM Control)
•
Enable thermometer:
set “ThE” = “1” (bit 1 register EEPROM Control)
Set appropriate test condition using Countdown Timer & 1 Hz INT Output:
•
Disable Timer:
set “TE” = “0” (bit 1 register Control_1)
•
Disable Timer Auto-Reload Mode:
set “TAR” = “0” (bit 2 register Control_1)
Timer & Timer Auto Reload Mode needs to be disabled to allow changes in settings of the Timer Source Clock and
Countdown Timer value.
•
Set Timer Source Clock = 8 Hz:
set “TD0” = “1“& “TD1” = “0” (bit 5&6 register Control_1)
•
Set Countdown Timer Value n = 7:
set register “Timer Low” = 07h (bit 0-7 register Timer Low)
set register “Timer High” = 00h (bit 0-7 register Timer High)
•
Enable Timer Interrupt:
set “TIE” = “1” (bit 1 register Control_INT)
•
Set Timer in Auto-Reload Mode:
set “TAR” = “1” (bit 2 register Control_1)
•
Enable Timer:
set “TE” = “1” (bit 1 register Control_1)
Prepare MCU Software Driver to clear INT signal:
•
MCU clears INT signal:
clear INT by setting “TF” = “0” (bit 1 register Control_INT Flag)
Measuring equipment and setup:
•
Use appropriate frequency counter:
for example Agilent A53132A Universal Counter
•
Gate time:
set gate time to 32 seconds (one complete compensation cycle)
•
Trigger to negative slope:
set trigger to falling edge (negative slope)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com