Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 13 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 13 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 9Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 10Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 11Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 12Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 13Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 14Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 15Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 16Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 17Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
13/65
3.2.5.CONTROL_RESET (address 04h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
04h
Control_Reset
X
X
X
SysR
X
X
X
X
Bit
Symbol
Value
Description
Reference
7 to 5
unused
X
Unused
4
SysR
0
No System Reset will be executed
See section 4.2.1.
1
Set bit = “1” triggers a System Reset. After the
restart of the logic, the SysR will be cleared and in
bit 4 “SR” in the register Control_Status will be set
3 to 0
unused
X
Unused
Bit positions labelled as “
X” are not implemented and will return a “0” when read.
3.3. WATCH PAGE REGISTER FUNCTION
Watch Page registers are coded in the Binary Coded Decimal (BCD) format; BCD format is used to simplify
application use.
3.3.1.SECONDS, MINUTES, HOURS, DAYS, WEEKDAYS, MONTHS, YEARS REGISTER
Seconds (address 08h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
08h
Seconds
X
40
20
10
8
4
2
1
Bit
Symbol
Value
Description
7
X
-
Unused
6 to 0
Seconds
0 to 59
This register holds the current seconds coded in BCD format
Minutes (address 09h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
09h
Minutes
X
40
20
10
8
4
2
1
Bit
Symbol
Value
Description
7
X
-
Unused
6 to 0
Minutes
0 to 59
This register holds the current minutes coded in BCD format
Hours (address 0Ah…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0Ah
Hours
X
12-24
20-PM
10
8
4
2
1
Bit
Symbol
Value
Description
7
X
-
Unused
12 hour mode (AM/PM)
6
12-24
0
Selects 24-hour mode
1
Selects 12-hour (AM/PM) mode
5
20-PM
0
Indicates AM
1
Indicates PM
4 to 0
Hours
1)
1 to 12
This register holds the current hours coded in BCD format
24 hour mode
6
12-24
0
Selects 24-hour mode
1
Selects 12-hour AM/PM mode
5 to 0
Hours
1)
0 to 23
This register holds the current hours coded in BCD format
1) User is requested to pay attention setting valid data only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com