Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 31 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 31 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 27Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 28Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 29Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 30Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 31Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 32Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 33Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 34Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 35Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
31/65
4.4.1.TIMER INTERRUT
The generation of Interrupts from the Countdown Timer function is enabled by “TIE” = “1” (bit 1 in register
Control_INT). If Timer Interrupt is enabled by “TIE” = “1”, the Timer Flag “TF” (bit 1 in register Control_INT Flag) will
be set = “1” at the end of every Timer countdown.
The Interrupt signal INT follows the condition of Timer Flag “TF” (bit 1 in register Control_INT Flag), the Timer Flag
“TF” and the Interrupt signal ( INT ) remain set until cleared by software writing “TF” = “0”.
Timer Interrupt Control (addresses 01h / 02h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
01h
Control_INT
X
X
X
SRIE
V2IE
V1IE
TIE
AIE
bit 1
TIE
0
TF is disabled, no Timer Interrupt generated
1
TF is enabled, Timer Interrupt generated when Countdown Timer value
reaches zero and TF is set “1”
02h
Control_INT Flag
X
X
X
SRF
V2IF
V1IF
TF
AF
bit 1
TF
0
No Timer Interrupt generated
1
Timer Flag is set “1” when TIE is enabled and Countdown Timer value
reaches zero, TF needs to be cleared to clear INT
Bit positions labelled as “X” are not implemented and will return a “0” when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com