Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 20 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 20 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 16Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 17Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 18Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 19Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 20Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 21Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 22Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 23Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 24Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
20/65
3.8.4.XTAL TURNOVER TEMPERATUR COEFFICIENT T0 (address 33h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
33h
XTAL T0
x
x
32
16
8
4
2
1
Bit
Symbol
Value
Description
Reference
7 to 6
x
-
Unused
5 to 0
XTAL T0
1)
4 to 67
XTAL’s Turnover Temperature in °C
See section 5.2.2.
1) The XTAL T0 register value is factory programmed according to the crystal parameters over temperature. For best time-accuracy, the
content of this register must not be changed by the user.
3.9. RAM DATA PAGE REGISTER FUNCTION
The RAM Data Page contains 8 RAM registers for user’s application.
User RAM Data Registers (addresses 38h to 3Fh…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
38h
RAM User
128
64
32
16
8
4
2
1
---
---
128
64
32
16
8
4
2
1
3Fh
RAM User
128
64
32
16
8
4
2
1
Address
Symbol
Value
Description
38h
RAM User
0 to 255
RAM User Data (8 Bytes)
---
---
---
3Fh
RAM User
0 to 255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com