Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 40 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 40 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 36Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 37Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 38Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 39Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 40Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 41Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 42Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 43Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 44Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
40/65
5.2.2.SETTING THE FREQUENCY COMPENSATION PARAMETERS
In order to achieve best time accuracy, correct parameters have to be stored into the corresponding registers of the
EEPROM Control page.
Attention: these parameters are factory calibrated, it is recommended not to modify these register values.
XTAL Offset (address 31h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
31h
XTAL Offset
sign
64
32
16
8
4
2
1
Bit
Symbol
Value
Description
7
Sign
0
- Deviation (slower) of 32.768kHz frequency at T0
1
+ Deviation (faster) of 32.768kHz frequency at T0
6 to 0
XTAL Offset
0 to 121
Frequency Offset Compensation value
The register value “XTAL Offset” is used by the Frequency Compensation Unit “FCU” to compensate the initial
frequency deviation of the 32.768 kHz clock at the crystal’s turnover temperature “XTAL T0”.
The required register value “XTAL Offset” is calculated as follow:
XTAL Offset = XtalOFFSET x 1.05
XTAL COEF Temperature Coefficient (address 32h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
32h
XTAL Coef
128
64
32
16
8
4
2
1
Bit
Symbol
Value
Description
Reference
7 to 0
XTAL Coef
1)
0 to 255
Quadratic Coefficient of XTAL’s Temperature Drift
1) The factory programmed register value XTAL Coef may also contain thermometer error compensation.
The register value “XTAL Coef” is used by the Frequency Compensation Unit “FCU” to compensate the frequency
deviation caused by 2
nd order temperature coefficient of the 32.768 kHz crystal (frequency drift vs temperature).
The required register value “XTAL Coef” is calculated as follow:
XTAL Coef = XtalTEMPERATURE COEFFICIENT x 4096 x 1.05
XTAL T0 Turnover Temperature (address 33h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
33h
XTAL T0
x
x
32
16
8
4
2
1
Bit
Symbol
Value
Description
Reference
7 to 6
x
-
unused
5 to 0
XTAL T0
1)
4 to 67
XTAL’s Turnover Temperature in °C
1) The factory programmed register value XTAL T
0 may also contain thermometer error compensation.
The register value “XTAL T0” is used by the Frequency Compensation Unit “FCU” to compensate the frequency
deviation caused by the turnover temperature T0 of the 32.768 kHz crystal.
The required register value “XTAL T0” is calculated as follow:
XTAL T0 = XtalTURNOVER TEMP T0 - 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com