Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 35 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 35 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 31Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 32Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 33Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 34Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 35Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 36Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 37Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 38Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 39Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
35/65
4.7. WATCH ENABLE FUNCTION
The function Watch Enable function “WE” (bit 0 in register Control_1) enables / disables the 1 Hz clock for the
watch function. After power-up reset, the bit “WE” is automatically set = “1” and the 1 Hz clock is enabled.
Setting “WE” = “0” stops the watch-function and the time circuits can be set and will not increment until the stop is
released. Setting “WE” = “1” allows for accurate start of the time circuits triggered by an external event.
“WE” will not affect the clock outputs at CLKOUT.
4.8. SELF-RECOVERY SYSTEM
The purpose of the Self-Recovery System is to automatically generate an internal Reset in case the on-chip state
machine goes into a deadlock. A possible source for such a deadlock could be disturbed electrical environment like
EMC problem, disturbed power supply or any kind of communication issues on the SPI interface.
The function of the Self-Recovery System is based on internal counter that is periodically reset by the Control
Logic. If the counter is not reset in time, a Self-Recovery Reset will be executed, at the latest after 2 thermometer
scanning interval periods, i.e. 2 or 32 seconds.
The Self-Recovery System is enabled / disabled by “SROn ” (bit 4 in register Control_1), it is automatically enabled
“SROn” = “1” after power-up by the register reset values, see section 4.2.2. REGISTER RESET VALUES.
Thermometer scanning interval is defined with “ThP” (bit 0 in register EEPROM_Control).
Generation of Interrupts from the System Reset function is enabled via “SRIE” = “1” (bit 4 in register Control_INT).
If “SRIE” is enabled, the INT follows the condition of Flag “SRF” (bit 4 in register Control_INT Flag). To clear
Interrupt signal ( INT ), both corresponding flags “SRF” (bit 4 in register Control_INT Flag) and “SR” (bit 4 in register
Control_Status) need to be cleared by writing = “0”.
During Self-Recovery or System Reset, the internal logic is reset and registers are loaded with the Register Reset
Values shown in section 4.2.2., Watch / Alarm and Timer information are not affected.
After Self-Recovery Reset, “SRF” is set = “1” (bit 4 in Register Control_INT Flag), indicating that an automatic
Self-Recovery System Reset has been executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com