Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 5 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 5 Page - MICORO CRYSTAL SWITZERLAND

  RV-3049 Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 3Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 4Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 5Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 6Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 7Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 8Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 9Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
5/65
RV-3049
Highly accurate, DTCXO Temperature Compensated Real Time Clock / Calendar Module
with SPI Interface
1. OVERVIEW
•
RTC module with built-in “Tuning Fork” crystal oscillating at 32.768 kHz
•
Factory calibrated, all built-in Temperature Compensation circuitry
Time accuracy:
Temperature Range
Opt: A
Opt: B
25°C
+/- 3 ppm
+/- 3 ppm
0°C to + 50°C
+/- 4 ppm
+/- 5 ppm
-10°C to + 60°C
+/- 5 ppm
+/- 10 ppm
-40°C to + 85°C
+/- 6 ppm
+/- 25 ppm
-40°C to +125°C
+/- 8 ppm
+/- 30 ppm
•
Ultra low power consumption:
800nA typ @ VDD = 3.0V / Tamb = 25°C
•
Wide clock operating voltage:
1.3 – 5.5V
•
Wide interface operating voltage:
1.4 – 5.5V
•
Extended operating temperature range:
-40°C to +125°C
•
SPI serial interface with fast mode SCL clock frequency of 1 MHz
•
Provides year, month, day, weekday, hours, minutes and seconds
•
Highly versatile alarm and timer functions
•
Integrated Low-Voltage Detector, Power-On Reset and Self-Recovery System
•
Main Power Supply to Backup Battery switchover circuitry with Trickle Charger
•
Programmable CLKOUT pins for peripheral devices (32.768 kHz / 1024 Hz / 32 Hz / 1 Hz)
•
Available in 2 different small and compact package sizes, RoHS-compliant and 100% leadfree:
C2: 5.0 x 3.2 x 1.2 mm
C3: 3.7 x 2.5 x 0.9 mm
1.1. GENERAL DESCRIPTION
The RV-3049 is a CMOS low power, real-time clock/calendar module with built-in Thermometer and Digital
Temperature Compensation circuitry (DTCXO). The temperature compensation circuitry is factory-calibrated and
greatly improves the time accuracy by compensating the frequency-deviation @ 25°C and the anticipated
frequency-drift over the temperature of the embedded 32.768 kHz “Tuning-Fork” crystal, even over the extended
Temperature Range -40°C to +125°C. Data is transferred serially via a SPI interface with a maximum SCL clock
frequency in fast mode of 1 MHz, the built-in word address register is incremented automatically after each written
or read data byte. Beyond standard RTC-functions like year, month, day, weekday, hours, minutes, seconds
information, the RV-3049 offers highly versatile Alarm and Timer-Interrupt function, programmable Clock-Output
and Low-Voltage Detector.
1.2. APPLICATIONS
The RV-3049 RTC module combines key functions with outstanding performance in a small ceramic package:
•
Factory calibrated Temperature Compensation
•
Extended temperature range up to +125°C
•
Low Power consumption
•
Smallest temperature compensated RTC module with embedded Xtal
These unique features make this product perfectly suitable for many applications:
•
Automotive: Car Radio / GPS and Tracking Systems / Dashboard / Engine Controller /
Car Mobile & Entertainment Systems / Tachometers
•
Metering:
E-meter / Heating Counter
•
Outdoor:
ATM & POS systems / Surveillance & Safety systems / Ticketing systems
•
All kind of portable and battery operated devices
•
Industrial and consumer electronics
•
White goods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com