Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 2 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 2 Page - MICORO CRYSTAL SWITZERLAND

  RV-3049 Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 3Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 4Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 5Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 6Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 7Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 8Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 9Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
2/65
TABLE OF CONTENTS
1. OVERVIEW ........................................................................................................................................................ 5
1.1. GENERAL DESCRIPTION......................................................................................................................... 5
1.2. APPLICATIONS ......................................................................................................................................... 5
2. BLOCK DIAGRAM............................................................................................................................................. 6
2.1. PINOUT ...................................................................................................................................................... 7
2.2. PIN DESCRIPTION .................................................................................................................................... 8
2.3. FUNCTIONAL DESCRIPTION................................................................................................................... 8
2.4. DEVICE PROTECTION DIAGRAM ........................................................................................................... 9
3. REGISTER ORGANIZATION .......................................................................................................................... 10
3.1. REGISTER OVERVIEW ........................................................................................................................... 10
3.2. CONTROL PAGE REGISTER FUNCTION.............................................................................................. 11
3.2.1. CONTROL_1 (address 00h…bits description).................................................................................. 11
3.2.2. CONTROL_INT (address 01h…bits description) .............................................................................. 11
3.2.3. CONTROL_INT FLAG (address 02h…bits description) ................................................................... 12
3.2.4. CONTROL_STATUS (address 03h…bits description) ..................................................................... 12
3.2.5. CONTROL_RESET (address 04h…bits description)........................................................................ 13
3.3. WATCH PAGE REGISTER FUNCTION .................................................................................................. 13
3.3.1. SECONDS, MINUTES, HOURS, DAYS, WEEKDAYS, MONTHS, YEARS REGISTER ................. 13
3.3.2. DATA FLOW OF TIME AND DATE FUNCTION............................................................................... 15
3.4. ALARM PAGE REGISTER FUNCTION .................................................................................................. 16
3.4.1. SECONDS, MINUTES, HOURS, DAYS, WEEKDAYS, MONTHS, YEARS ALARM REGISTER.... 16
3.5. TIMER PAGE REGISTER FUNCTION .................................................................................................... 18
3.6. TEMPERATURE PAGE REGISTER FUNCTION .................................................................................... 18
3.7. EEPROM DATA PAGE REGISTER FUNCTION..................................................................................... 18
3.8. EEPROM CONTROL PAGE REGISTER FUNCTION ............................................................................. 19
3.8.1. EEPROM CONTROL (address 30h…bits description) ..................................................................... 19
3.8.2. XTAL OFFSET (address 31h…bits description) ............................................................................... 19
3.8.3. XTAL TEMPERATUR COEFFICIENT (address 32h…bits description) ........................................... 19
3.8.4. XTAL TURNOVER TEMPERATUR COEFFICIENT T0 (address 33h…bits description)................. 20
3.9. RAM DATA PAGE REGISTER FUNCTION ............................................................................................ 20
4. DETAILED FUNCTIONAL DESCRIPTION ..................................................................................................... 21
4.1. POWER-UP, POWER MANAGEMENT AND BATTERY SWITCHOVER .............................................. 21
4.1.1. POWER UP SEQUENCE ................................................................................................................. 22
4.1.2. SUPPLY VOLTAGE OPERATING RANGE AND LOW VOLTAGE DETECTION ............................ 23
4.2. RESET ...................................................................................................................................................... 25
4.2.1. POWER-UP RESET, SYSTEM RESET AND SELF-RECOVERY RESET ...................................... 25
4.2.2. REGISTER RESET VALUES............................................................................................................ 26
4.3. EEPROM MEMORY ACCESS ................................................................................................................. 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com