Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 39 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 39 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 35Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 36Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 37Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 38Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 39Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 40Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 41Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 42Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 43Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
39/65
5.2.1.THERMOMETER AND TEMPERATURE VALUE
The function of the Thermometer is controlled by “ThP” and “ThE” (bit 0 & bit 1 in the register EEPROM Control).
Register EEPROM Control Thermometer Control (address 30h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
30h
EEPROM Control
R80k
R20k
R5k
R1k
FD1
FD0
ThE
ThP
Bit
Symbol
Value
Description
1
ThE
0
Disable Thermometer
1
Enable Thermometer
0
ThP
0
Thermometer scanning interval: 1 second
1
Thermometer scanning interval: 16 seconds
The measured temperature value is stored in the register “Temperature” at address 20h.
The measured temperature is binary coded ranging from -60°C (=0d) to +190°C (=250d).
Example: Temperature of 0°C corresponding to a content of = 60d.
The thermometer has a resolution of 1°C per LSB; the typical accuracy is +/-4°C within the temperature range
-40°C to +125°C. The Thermometer is automatically disabled if status bit “Vlow1” is set = “1”, the result of the last
temperature measurement is frozen in register “Temperature” and the frequency compensation continues working
with this last temperature reading.
The actual temperature value can be read from register “Temperature” at address 20h. The Thermometer has to be
disabled by ThE = “0” to externally write a temperature value into the register “Temperature” at address 20h.
Temperature Value (address 20h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
20h
Temperature
128
64
32
16
8
4
2
1
These bits hold the Temperature Value coded in binary format
Temperature
Value hex
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-60°C
00h
0
0
0
0
0
0
0
0
-59°C
01h
0
0
0
0
0
0
0
1
0°C
3Ch
0
0
1
1
1
1
0
0
194°C
FEh
1
1
1
1
1
1
1
0
195°C
FFh
1
1
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com