Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 33 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 33 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 29Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 30Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 31Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 32Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 33Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 34Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 35Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 36Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 37Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
33/65
4.5.1.ALARM INTERRUPT
The generation of Interrupts from the Alarm function is enabled by “AIE” = “1” (bit 0 in register Control_INT).
When all enabled Alarm comparisons first match (wired “AND”) and the Alarm Interrupt is enabled by, the Alarm
Flag “AF” (bit 0 in Register Control_INT Flag) is set to logic = “1”. The Interrupt signal ( INT ) follows the condition of
“AF”.
The Interrupt signal INT follows the condition of Alarm Flag “AF” (bit 0 in register Control_INT Flag), The Alarm
Flag “AF” and the Interrupt signal ( INT ) remain set until cleared by software writing “AF” = “0”.
Once bit “AF” has been cleared, it will only be set again when the time increments and matches the alarm condition
once more.
Alarm Interrupt Control (addresses 01h / 02h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
01h
Control_INT
X
X
X
SRIE
V2IE
V1IE
TIE
AIE
0
AIE
0
AF is disabled, no Alarm Interrupt generated
1
AF is enabled, AF is set “1”and Alarm Interrupt generated when all
enabled Alarm comparisons first match
02h
Control_INT Flag
X
X
X
SRF
V2IF
V1IF
TF
AF
0
AF
0
No Alarm Interrupt generated
1
Alarm Flag is set “1” when all enabled Alarm comparisons first match,
needs to be cleared to clear INT
Bit positions labelled as “X” are not implemented and will return a “0” when read.
Example for Alarm Flag and Alarm INT
Example where “Minute Alarm” is enabled and set to 45 and no other Alarm is enabled.
If bit AIE is enabled, the INT pin follows the condition of bit 0 “AF” in register Control_INT Flag at address 02h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com