Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 30 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 30 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 26Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 27Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 28Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 29Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 30Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 31Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 32Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 33Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 34Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
30/65
Example Countdown Timer function with Timer in Auto Reload mode
In this example, the Countdown Timer is set to Automatic Reload Mode, the Countdown Timer value is set = “3”.
Automatic reload of the countdown value ,n’ requires 1 additional Timer Source Clock. This additional timer
source clock has no effect on the first Timer period but it has to be taken into account since it results in a Timer
duration of ,n+1’ for subsequent timer periods. The Interrupt signal ( INT ) is cleared by clearing the Timer Flag
“TF” = “0”.
Countdown Timer
Value
TE
INT
TAR
XX
02
01
Auto
Reload
03
02
01
03
02
Timer Source
Clock Frequency
TD0 / TD1
TF
03
3
1
2
4
5
4
n
n
TSC
3
Auto
Reload
n +1
TSC
1
Timer Source Clock Frequency TD0 / TD1 can only be modified when Timer is disabled “TE” = “0”
Countdown Timer value ,n’ in “Timer Low” and “Timer High” only can be modified when Timer “TE” = “0”
and Timer Auto Reload “TAR” = “0” are both disabled.
2
Duration of first Timer Period
Frequency
Clock
Source
n
=
The additional timer source clock for automatic reload of the countdown Timer value ,n’ has no effect on
the first Timer Period.
3
Timer Automatic Reload mode “TAR” requires one Timer Source Clock period for automatic reload of the
Countdown Timer value ,n’.
4
To reset Interrupt signal ( INT ), Timer Flag “TF” has to be cleared by writing = “0”.
5
When Countdown Timer is in automatic reload mode, one additional timer source clock has to be taken
into account since it results in a Timer duration of ,n+1’ for subsequent timer periods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com