Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 22 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 22 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 18Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 19Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 20Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 21Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 22Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 23Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 24Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 25Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 26Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
22/65
4.1.1.POWER UP SEQUENCE
The device can be either powered up from main supply VDD or from backup supply VBACKUP.
During power-up, the chip is executing the following power-up procedure:
•
The implemented battery switchover circuitry compares VDD and VBACKUP voltages and connects the higher
of them to supply the chip
•
At power-up, the chip is kept in Reset state until the supply voltage reaches an internal threshold level.
Once the supply voltage is higher than this threshold level, a Reset is executed and registers are loaded
with the Register Reset Values described in section 4.2.2. REGISTER RESET VALUES
•
After the Reset is executed and registers are loaded with the Register Reset Values, “PON” is set = “1” (bit
5 in Register Control-Status), it needs to be cleared by writing = “0”
•
Once the supply voltage reaches the oscillator start-up voltage, the oscillator-circuitry starts the 32.768 kHz
“tuning-fork” Crystal typically within 500 ms
•
Once the 32.768 kHz clocks are present, the Voltage Detector starts in fast mode to monitor the supply
voltage, the accelerated scanning of the supply voltage will slightly increase the current consumption.
•
When a supply voltage >VLow2 is detected, the fast mode voltage detection is stopped, and the EEPROM
read is enabled
•
Configuration registers are loaded with the configuration data read from the EEPROM Control Page and
the bits VLow1 and VLow2 are reset = “0”
•
If the Thermometer is enabled by “ThE” = “1” (bit 1 in register EEPROM_Control), the temperature is
measured and the frequency compensation value for time correction is calculated
•
The RV-3049 becomes fully functional; the correct Time / Date information needs to be loaded into the
corresponding registers and bit 5 “PON” in Register Control-Status needs to be cleared by writing “0”
Note 1:
During power up, the Low Voltage Detection is monitoring the supply voltage at an accelerated scan rate
increasing the current consumption of the device.
Once power supply voltage exceed VLOW2 threshold, the flags VLOW1 and VLOW2 are cleared and the scan rate for
the low voltage detection is set to 1 second to ensure optimized power consumption.
Note 2:
Please not the different meaning of the “PON”; “VLow1” and “VLow2” Flags:
PON
“PON” Flag is set after Power-Up Reset is executed
•
Indicating that time & date information are corrupted
VLow1
VLow1 Flag is set when supply voltage drops below VLow1 threshold
•
Indicating that the Thermometer might have been disabled due to low supply voltage and the temperature
compensation was operating for a while with the last temperature reading causing bigger time-deviation
VLow2
VLow2 Flag is set when supply voltage drops below VLow2 threshold
•
Indicating a risk that the 32.768 kHz might have stopped due to low supply voltage and that the time & date
information might be corrupted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com