Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 54 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 54 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 50Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 51Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 52Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 53Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 54Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 55Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 56Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 57Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 58Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
54/65
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
EEPROM Characteristics
Read voltage
VRead
Tamb = -40°C to +125°C
1.4
V
Programming voltage
VProg
Tamb = -40°C to +125°C
2.2
V
EEPROM Programming Time
TProg
Tamb = -40°C to +125°C
1 Byte EEPROM User
35
ms
EEPROM Programming Time
TProg
Tamb = -40°C to +125°C
1 Byte EEPROM Control
100
ms
EEPROM Programming Time
TProg
Tamb = -40°C to +125°C
2-4 Byte EEPROM Control
135
ms
EEPROM write / erase cycles
VHYST
VDD to VBACK = 3.0 V
5000
Cycles
Trickle charger
Current limiting resistors
VDD = 5.0V
VBACK = 3.0V
R80k
Tamb = 25°C
80
kΏ
R20k
Tamb = 25°C
20
R5k
Tamb = 25°C
5
R1.5k
Tamb = 25°C
1.5
Thermometer
Thermometer precision
TE
Tamb = -40°C to +85°C
+/-4
°C
Tamb = -40°C to +125°C
+/-6
7.4. SPI INTERFACE TIMING CHARACTERISTICS
tSU;(CE)
tr
tf
20%
80%
tSCL
tclk(H)
tclk(L)
th(CE)
trec(CE)
tdis(SDO)
td(R)SDO
td(SDI-SDO)
Hi Z
Hi Z
tSU;DAT
tHD;DAT
R/W
SA2
b7
b6
b0
b7
b6
b0
b7
b6
b0
RA0
tw(CE)
CE
SCL
SDI
SDO
SDI
SDO
READ
WRITE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com