Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 41 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 41 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 37Page - Cypress Semiconductor PSOC Datasheet HTML 38Page - Cypress Semiconductor PSOC Datasheet HTML 39Page - Cypress Semiconductor PSOC Datasheet HTML 40Page - Cypress Semiconductor PSOC Datasheet HTML 41Page - Cypress Semiconductor PSOC Datasheet HTML 42Page - Cypress Semiconductor PSOC Datasheet HTML 43Page - Cypress Semiconductor PSOC Datasheet HTML 44Page - Cypress Semiconductor PSOC Datasheet HTML 45Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 148 page
background image
Clocking
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
41
7.2.2
24V1/24V2 Frequency Selection
The following table shows the resulting frequencies for
24V1 and 24V2 based on the value written to the
OSC_CR1 register.
Table 42:
24V1/24V2 Frequency Selection
Reg.
Value
24V1
MHz
24V2 kHz
Reg.
Value
24V1
MHz
24V2 kHz
Reg.
Value
24V1
MHz
24V2 kHz
Reg.
Value
24V1
MHz
24V2 kHz
00
24.00
24000.00
40
4.80
4800.00
80
2.67
2666.67
C0
1.85
1846.15
01
24.00
12000.00
41
4.80
2400.00
81
2.67
1333.33
C1
1.85
923.08
02
24.00
8000.00
42
4.80
1600.00
82
2.67
888.89
C2
1.85
615.38
03
24.00
6000.00
43
4.80
1200.00
83
2.67
666.67
C3
1.85
461.54
04
24.00
4800.00
44
4.80
960.00
84
2.67
533.33
C4
1.85
369.23
05
24.00
4000.00
45
4.80
800.00
85
2.67
444.44
C5
1.85
307.69
06
24.00
3428.57
46
4.80
685.71
86
2.67
380.95
C6
1.85
263.74
07
24.00
3000.00
47
4.80
600.00
87
2.67
333.33
C7
1.85
230.77
08
24.00
2666.67
48
4.80
533.33
88
2.67
296.30
C8
1.85
205.13
09
24.00
2400.00
49
4.80
480.00
89
2.67
266.67
C9
1.85
184.62
0A
24.00
2181.82
4A
4.80
436.36
8A
2.67
242.42
CA
1.85
167.83
0B
24.00
2000.00
4B
4.80
400.00
8B
2.67
222.22
CB
1.85
153.85
0C
24.00
1846.15
4C
4.80
369.23
8C
2.67
205.13
CC
1.85
142.01
0D
24.00
1714.29
4D
4.80
342.86
8D
2.67
190.48
CD
1.85
131.87
0E
24.00
1600.00
4E
4.80
320.00
8E
2.67
177.78
CE
1.85
123.08
0F
24.00
1500.00
4F
4.80
300.00
8F
2.67
166.67
CF
1.85
115.38
10
12.00
12000.00
50
4.00
4000.00
90
2.40
2400.00
D0
1.71
1714.29
11
12.00
6000.00
51
4.00
2000.00
91
2.40
1200.00
D1
1.71
857.14
12
12.00
4000.00
52
4.00
1333.33
92
2.40
800.00
D2
1.71
571.43
13
12.00
3000.00
53
4.00
1000.00
93
2.40
600.00
D3
1.71
428.57
14
12.00
2400.00
54
4.00
800.00
94
2.40
480.00
D4
1.71
342.86
15
12.00
2000.00
55
4.00
666.67
95
2.40
400.00
D5
1.71
285.71
16
12.00
1714.29
56
4.00
571.43
96
2.40
342.86
D6
1.71
244.90
17
12.00
1500.00
57
4.00
500.00
97
2.40
300.00
D7
1.71
214.29
18
12.00
1333.33
58
4.00
444.44
98
2.40
266.67
D8
1.71
190.48
19
12.00
1200.00
59
4.00
400.00
99
2.40
240.00
D9
1.71
171.43
1A
12.00
1090.91
5A
4.00
363.64
9A
2.40
218.18
DA
1.71
155.84
1B
12.00
1000.00
5B
4.00
333.33
9B
2.40
200.00
DB
1.71
142.86
1C
12.00
923.08
5C
4.00
307.69
9C
2.40
184.62
DC
1.71
131.87
1D
12.00
857.14
5D
4.00
285.71
9D
2.40
171.43
DD
1.71
122.45
1E
12.00
800.00
5E
4.00
266.67
9E
2.40
160.00
DE
1.71
114.29
1F
12.00
750.00
5F
4.00
250.00
9F
2.40
150.00
DF
1.71
107.14
20
8.00
8000.00
60
3.43
3428.57
A0
2.18
2181.82
E0
1.60
1600.00
21
8.00
4000.00
61
3.43
1714.29
A1
2.18
1090.91
E1
1.60
800.00
22
8.00
2666.67
62
3.43
1142.86
A2
2.18
727.27
E2
1.60
533.33
23
8.00
2000.00
63
3.43
857.14
A3
2.18
545.45
E3
1.60
400.00
24
8.00
1600.00
64
3.43
685.71
A4
2.18
436.36
E4
1.60
320.00
25
8.00
1333.33
65
3.43
571.43
A5
2.18
363.64
E5
1.60
266.67
26
8.00
1142.86
66
3.43
489.80
A6
2.18
311.69
E6
1.60
228.57
27
8.00
1000.00
67
3.43
428.57
A7
2.18
272.73
E7
1.60
200.00
28
8.00
888.89
68
3.43
380.95
A8
2.18
242.42
E8
1.60
177.78
29
8.00
800.00
69
3.43
342.86
A9
2.18
218.18
E9
1.60
160.00
2A
8.00
727.27
6A
3.43
311.69
AA
2.18
198.35
EA
1.60
145.45
2B
8.00
666.67
6B
3.43
285.71
AB
2.18
181.82
EB
1.60
133.33
2C
8.00
615.38
6C
3.43
263.74
AC
2.18
167.83
EC
1.60
123.08
2D
8.00
571.43
6D
3.43
244.90
AD
2.18
155.84
ED
1.60
114.29
2E
8.00
533.33
6E
3.43
228.57
AE
2.18
145.45
EE
1.60
106.67
2F
8.00
500.00
6F
3.43
214.29
AF
2.18
136.36
EF
1.60
100.00
30
6.00
6000.00
70
3.00
3000.00
B0
2.00
2000.00
F0
1.50
1500.00
31
6.00
3000.00
71
3.00
1500.00
B1
2.00
1000.00
F1
1.50
750.00
32
6.00
2000.00
72
3.00
1000.00
B2
2.00
666.67
F2
1.50
500.00
33
6.00
1500.00
73
3.00
750.00
B3
2.00
500.00
F3
1.50
375.00
34
6.00
1200.00
74
3.00
600.00
B4
2.00
400.00
F4
1.50
300.00
35
6.00
1000.00
75
3.00
500.00
B5
2.00
333.33
F5
1.50
250.00
36
6.00
857.14
76
3.00
428.57
B6
2.00
285.71
F6
1.50
214.29
37
6.00
750.00
77
3.00
375.00
B7
2.00
250.00
F7
1.50
187.50
38
6.00
666.67
78
3.00
333.33
B8
2.00
222.22
F8
1.50
166.67
39
6.00
600.00
79
3.00
300.00
B9
2.00
200.00
F9
1.50
150.00
3A
6.00
545.45
7A
3.00
272.73
BA
2.00
181.82
FA
1.50
136.36
3B
6.00
500.00
7B
3.00
250.00
BB
2.00
166.67
FB
1.50
125.00
3C
6.00
461.54
7C
3.00
230.77
BC
2.00
153.85
FC
1.50
115.38
3D
6.00
428.57
7D
3.00
214.29
BD
2.00
142.86
FD
1.50
107.14
3E
6.00
400.00
7E
3.00
200.00
BE
2.00
133.33
FE
1.50
100.00
3F
6.00
375.00
7F
3.00
187.5
BF
2.00
125.00
FF
1.50
93.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com