Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 91 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 91 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 87Page - Cypress Semiconductor PSOC Datasheet HTML 88Page - Cypress Semiconductor PSOC Datasheet HTML 89Page - Cypress Semiconductor PSOC Datasheet HTML 90Page - Cypress Semiconductor PSOC Datasheet HTML 91Page - Cypress Semiconductor PSOC Datasheet HTML 92Page - Cypress Semiconductor PSOC Datasheet HTML 93Page - Cypress Semiconductor PSOC Datasheet HTML 94Page - Cypress Semiconductor PSOC Datasheet HTML 95Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 148 page
background image
Analog PSoC Blocks
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
91
10.9.3.4
Analog Switch Cap Type A Block xx Control 3 Register
ARefMux selects the reference input of the A capacitor
branch.
FSW1 is used to control a switch in the integrator capac-
itor path. It connects the output of the op-amp to the inte-
grating cap. The state of the switch is affected by the
state of the AutoZero bit in Control 2 Register
(ASA10CR2, ASA12CR2, ASA21CR2, ASA23CR2). If
the FSW1 bit is set to 0, the switch is always disabled. If
the FSW1 bit is set to 1, the AutoZero bit determines the
state of the switch. If the AutoZero bit is 0, the switch is
enabled at all times. If the AutoZero bit is 1, the switch is
enabled only when the internal PHI2 is high.
FSW0 is used to control a switch in the integrator capac-
itor path. It connects the output of the op-amp to analog
ground.
BMuxSCA controls the muxing to the input of the B
capacitor branch.
Power – encoding for selecting 1 of 4 power levels. The
block always powers up in the off state.
Table 71:
Analog Switch Cap Type A Block xx Control 3 Register
Analog Switch Cap Type A Block 10 Control 3 Register (ASA10CR3, Address = Bank 0/1, 83h)
Analog Switch Cap Type A Block 12 Control 3 Register (ASA12CR3, Address = Bank 0/1, 8Bh)
Analog Switch Cap Type A Block 21 Control 3 Register (ASA21CR3, Address = Bank 0/1, 97h)
Analog Switch Cap Type A Block 23 Control 3 Register (ASA23CR3, Address = Bank 0/1, 9Fh)
Bit #
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
0
0
Read/
Write
RW
RW
RW
RW
RW
RW
RW
RW
Bit Name
ARefMux[1] ARefMux[0]
FSW[1]
FSW[0]
BMuxSCA[1]
BMuxSCA[0]
Power[1] Power[0]
Bit [7:6]
: ARefMux [1:0] Encoding for selecting reference input
0 0 = Analog ground is selected
0 1 = REFHI input selected (This is usually the high reference)
1 0 = REFLO input selected (This is usually the low reference)
1 1 = Reference selection is driven by the comparator (When output comparator node is set high, the input is set to
REFHI. When set low, the input is set to REFLO)
Bit 5
: FSW1 Bit for controlling gated switches
0 = Switch is disabled
1 = If the FSW1 bit is set to 1, the state of the switch is determined by the AutoZero bit. If the AutoZero bit is 0, the
switch is enabled at all times. If the AutoZero bit is 1, the switch is enabled only when the internal PHI2 is high
Bit 4
: FSW0 Bits for controlling gated switches
0 = Switch is disabled
1 = Switch is enabled when PHI1 is high
Bit [3:2] BMuxSCA [1:0]
Encoding for selecting B inputs. (Note that the available mux inputs vary by individual
PSoC block.)
ASA10
ASA21
ASA12 ASA23
0 0 = ACA00 ASB11
ACA02
ASB13
0 1 = ASB11 ASB20
ASB13
ASB22
1 0 = P2.3
ASB22
ASB11
P2.0
1 1 = ASB20 TrefGND ASB22 ABUS3
Bit [1:0]
: Power [1:0] Encoding for selecting 1 of 4 power levels
0 0 = Off
0 1 = 10
µA, typical
1 0 = 50
µA, typical
1 1 = 200
µA, typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com