Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 17Page - Cypress Semiconductor PSOC Datasheet HTML 18Page - Cypress Semiconductor PSOC Datasheet HTML 19Page - Cypress Semiconductor PSOC Datasheet HTML 20Page - Cypress Semiconductor PSOC Datasheet HTML 21Page - Cypress Semiconductor PSOC Datasheet HTML 22Page - Cypress Semiconductor PSOC Datasheet HTML 23Page - Cypress Semiconductor PSOC Datasheet HTML 24Page - Cypress Semiconductor PSOC Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 148 page
background image
CPU Architecture
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
21
2.2.3
Index Register
2.2.4
Stack Pointer Register
2.2.5
Program Counter Register
2.3
Addressing Modes
2.3.1
Source Immediate
The result of an instruction using this addressing mode is
placed in the A register, the F register, the SP register, or
the X register, which is specified as part of the instruction
opcode. Operand 1 is an immediate value that serves as
a source for the instruction. Arithmetic instructions
require two sources. Instructions using this addressing
mode are two bytes in length.
Table 10:
Index Register (CPU_X)
Bit #
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
0
0
Read/
Write
System1
System1
System1
System1
System1
System1
System1
System1
Bit Name
Data [7]
Data [6]
Data [5]
Data [4]
Data [3]
Data [2]
Data [1]
Data [0]
Bit [7:0]
: Data [7:0] 8-bit data value holds an index for any instruction that uses an indexed addressing mode
1.
System - not directly accessible by the user
Table 11:
Stack Pointer Register (CPU_SP)
Bit #
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
0
0
Read/
Write
System1
System1
System1
System1
System1
System1
System1
System1
Bit Name
Data [7]
Data [6]
Data [5]
Data [4]
Data [3]
Data [2]
Data [1]
Data [0]
Bit [7:0]
: Data [7:0] 8-bit data value holds a pointer to the current top-of-stack
1.
System - not directly accessible by the user
Table 12:
Program Counter Register (CPU_PC)
Bit #
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Read/
Write
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Bit
Name
Data
[15]
Data
[14]
Data
[13]
Data
[12]
Data
[11]
Data
[10]
Data
[9]
Data
[8]
Data
[7]
Data
[6]
Data
[5]
Data
[4]
Data
[3]
Data
[2]
Data
[1]
Data
[0]
Bit [15:0]
: Data [15:0] 16-bit data value is the low-order/high-order byte of the Program Counter
1.
System - not directly accessible by the user
Table 13:
Source Immediate
Opcode
Operand 1
Instruction
Immediate Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com