Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 55 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 55 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 51Page - Cypress Semiconductor PSOC Datasheet HTML 52Page - Cypress Semiconductor PSOC Datasheet HTML 53Page - Cypress Semiconductor PSOC Datasheet HTML 54Page - Cypress Semiconductor PSOC Datasheet HTML 55Page - Cypress Semiconductor PSOC Datasheet HTML 56Page - Cypress Semiconductor PSOC Datasheet HTML 57Page - Cypress Semiconductor PSOC Datasheet HTML 58Page - Cypress Semiconductor PSOC Datasheet HTML 59Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 148 page
background image
Digital PSoC Blocks
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
55
Digital Communications Type A Block 06 Data Register 2
(DCA06DR2, Address = Bank 0, 3Ah)
Digital Communications Type A Block 07 Data Register 0
(DCA07DR0, Address = Bank 0, 3Ch)
Digital Communications Type A Block 07 Data Register 1
(DCA07DR1, Address = Bank 0, 3Dh)
Digital Communications Type A Block 07 Data Register 2
(DCA07DR2, Address = Bank 0, 3Eh)
9.3.2
Digital Basic Type A / Communications Type A Block xx Control Register 0
Digital Basic Type A Block 00 Control Register 0
(DBA00CR0, Address = Bank 0, 23h)
Digital Basic Type A Block 01 Control Register 0
(DBA01CR0, Address = Bank 0, 27h)
Digital Basic Type A Block 02 Control Register 0
(DBA02CR0, Address = Bank 0, 2Bh)
Digital Basic Type A Block 03 Control Register 0
(DBA03CR0, Address = Bank 0, 2Fh)
Digital Communications Type A 04 Control Register 0
(DCA04CR0, Address = Bank 0, 33h)
Digital Communications Type A 05 Control Register 0
(DCA05CR0, Address = Bank 0, 37h)
Digital Communications Type A Block 06 Control Register 0
(DCA06CR0, Address = Bank 0, 3Bh)
Digital Communications Type A Block 07 Control Register 0
(DCA07CR0, Address = Bank 0, 3Fh)
Table 53:
R/W Variations per User Module Selection
Function
DR0
R/W
DR1
R/W
DR2
R/W
Timer
Count
R1
Period Value
W
Capture Value
RW
Counter
Count
R1
Period Value
W
Compare Value
RW
CRC
Current Value/CRC Residue R1
Polynomial Mask Value
W
Seed Value
RW
PRS
Current Value
R1
Polynomial Mask Value
W
Seed Value
RW
Deadband
Count
R1
Period Value
W
Not Used
RW
RX UART
Shifter
NA
Not Used
NA
Data Register
R
TX UART
Shifter
NA
Data Register
W
Not Used
NA
SPI
Shifter
NA
TX Data Register
RX Data Register
R
1.
Each time the register is read, its value is written to the DR2 register.
Table 54:
Digital Basic Type A / Communications Type A Block xx Control Register 0
Bit #
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
0
0
Read/Write
VF1
1.
Varies by function.
VF1
VF1
VF1
VF1
VF1
VF1
VF1
Bit Name
Data [7]
Data [6]
Data [5]
Data [4]
Data [3]
Data [2]
Data [1]
Data [0]
Bit [7:0]
: Data [7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com