Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 31 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 31 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 27Page - Cypress Semiconductor PSOC Datasheet HTML 28Page - Cypress Semiconductor PSOC Datasheet HTML 29Page - Cypress Semiconductor PSOC Datasheet HTML 30Page - Cypress Semiconductor PSOC Datasheet HTML 31Page - Cypress Semiconductor PSOC Datasheet HTML 32Page - Cypress Semiconductor PSOC Datasheet HTML 33Page - Cypress Semiconductor PSOC Datasheet HTML 34Page - Cypress Semiconductor PSOC Datasheet HTML 35Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 148 page
background image
I/O Registers
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
31
6.0
I/O Registers
6.1
Port Data Registers
Port 0 Data Register (PRT0DR, Address = Bank 0, 00h)
Port 1 Data Register (PRT1DR, Address = Bank 0, 04h)
Port 2 Data Register (PRT2DR, Address = Bank 0, 08h)
Port 3 Data Register (PRT3DR, Address = Bank 0, 0Ch)
Port 4 Data Register (PRT4DR, Address = Bank 0, 10h)
Port 5 Data Register (PRT5DR, Address = Bank 0, 14h) Note: Port 5 is 4-bits wide, Bit [3:0]
6.2
Port Interrupt Enable Registers
Port 0 Interrupt Enable Register (PRT0IE, Address = Bank 0, 01h)
Port 1 Interrupt Enable Register (PRT1IE, Address = Bank 0, 05h)
Port 2 Interrupt Enable Register (PRT2IE, Address = Bank 0, 09h)
Port 3 Interrupt Enable Register (PRT3IE, Address = Bank 0, 0Dh)
Port 4 Interrupt Enable Register (PRT4IE, Address = Bank 0, 11h)
Port 5 Interrupt Enable Register (PRT5IE, Address = Bank 0, 15h) Note: Port 5 is 4-bits wide
Table 28:
Port Data Registers
Bit #
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
0
0
Read/Write
RW
RW
RW
RW
RW
RW
RW
RW
Bit Name
Data [7]
Data [6]
Data [5]
Data [4]
Data [3]
Data [2]
Data [1]
Data [0]
Bit [7:0]
: Data [7:0] When written is the bits for output on port pins. When read is the state of the port pins
Table 29:
Port Interrupt Enable Registers
Bit #
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
0
0
Read/Write
W
W
W
W
W
W
W
W
Bit Name
Int En [7]
Int En [6]
Int En [5] Int En [4]
Int En [3]
Int En [2]
Int En [1]
Int En [0]
Bit [7:0]
: Int En [7:0] When written sets the pin interrupt state
0 = Interrupt disabled for pin
1 = Interrupt enabled for pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com