Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 74 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 74 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 70Page - Cypress Semiconductor PSOC Datasheet HTML 71Page - Cypress Semiconductor PSOC Datasheet HTML 72Page - Cypress Semiconductor PSOC Datasheet HTML 73Page - Cypress Semiconductor PSOC Datasheet HTML 74Page - Cypress Semiconductor PSOC Datasheet HTML 75Page - Cypress Semiconductor PSOC Datasheet HTML 76Page - Cypress Semiconductor PSOC Datasheet HTML 77Page - Cypress Semiconductor PSOC Datasheet HTML 78Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
74
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
10.6 Analog PSoC Block Clocking Options
All analog PSoC blocks in a particular Analog Column
share the same clock signal. Choosing the clocking for
an analog PSoC block is a two-step process.
1.
First, if the user wants to use the ACLK0 and
ACLK1
system-clocking signals, the digital PSoC
blocks that serve as the source for these signals
must be selected. This selection is made in the Ana-
log Clock Select Register (CLK_CR1).
2.
Next, the user must select the source for the
Acolumn0
, Acolumn1, Acolumn2, and Acolumn3
system-clocking signals. The user will choose the
clock for Acolumnx[1:0] bits in the Analog Column
Clock Select Register (CLK_CR0). Each analog
PSoC block in a particular Analog Column is
clocked from the Acolumn[x] system-clocking sig-
nal for that column. (Note that the Acolumn[x] sig-
nals have a 1:4 divider on them.)
10.6.1 Analog Column Clock Select Register
Analog Column Clock Select Register (CLK_CR0, Address = Bank 1, 60h)
Table 63:
Analog Column Clock Select Register
Bit #
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
0
0
Read/
Write
RW
RW
RW
RW
RW
RW
RW
RW
Bit Name
Acolumn3
[1]
Acolumn3
[0]
Acolumn2
[1]
Acolumn2
[0]
Acolumn1
[1]
Acolumn1
[0]
Acolumn0
[1]
Acolumn0
[0]
Bit [7:6]
: Acolumn3 [1:0]
0 0 = 24V1
0 1 = 24V2
1 0 = ACLK0
1 1 = ACLK1
Bit [5:4]
: Acolumn2 [1:0]
0 0 = 24V1
0 1 = 24V2
1 0 = ACLK0
1 1 = ACLK1
Bit [3:2]
: Acolumn1 [1:0]
0 0 = 24V1
0 1 = 24V2
1 0 = ACLK0
1 1 = ACLK1
Bit [1:0]
: Acolumn0 [1:0]
0 0 = 24V1
0 1 = 24V2
1 0 = ACLK0
1 1 = ACLK1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com