Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 14Page - Cypress Semiconductor PSOC Datasheet HTML 15Page - Cypress Semiconductor PSOC Datasheet HTML 16Page - Cypress Semiconductor PSOC Datasheet HTML 17Page - Cypress Semiconductor PSOC Datasheet HTML 18Page - Cypress Semiconductor PSOC Datasheet HTML 19Page - Cypress Semiconductor PSOC Datasheet HTML 20Page - Cypress Semiconductor PSOC Datasheet HTML 21Page - Cypress Semiconductor PSOC Datasheet HTML 22Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
18
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
P5[0]
I/O
29 Port 5[0]
P5[2]
I/O
30 Port 5[2]
P4[0]
I/O
31 Port 4[0]
P4[2]
I/O
32 Port 4[2]
P4[4]
I/O
33 Port 4[4]
P4[6]
I/O
34 Port 4[6]
XRES
I
35 External Reset
P3[0]
I/O
36 Port 3[0]
P3[2]
I/O
37 Port 3[2]
P3[4]
I/O
38 Port 3[4]
P3[6]
I/O
39 Port 3[6]
P2[0]
I/O
40
Port 2[0] (Non-Multiplexed
Analog Input)
P2[2]
I/O
41
Port 2[2] (Non-Multiplexed
Analog Input)
P2[4]
I/O
42 Port 2[4] / External AGNDIn
P2[6]
I/O
43 Port 2[6] / External VREFIn
P0[0]
I/O
44 Port 0[0] (Analog Input)
P0[2]
I/O
45
Port 0[2] (Analog Input/Out-
put)
P0[4]
I/O
46
Port 0[4] (Analog Input/Out-
put)
P0[6]
I/O
47 Port 0[6] (Analog Input)
Vcc
Power
48 Supply Voltage
Figure 6: 26643 PDIP/SSOP
Table 6:
Pin-out 48 Pin, continued
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
P0[7]
P0[5]
P0[3]
P0[1]
P2[7]
P2[5]
P2[3]
P2[1]
P3[7]
P3[5]
P3[3]
P3[1]
SMP
P4[7]
P4[5]
P4[3]
P4[1]
P5[3]
P5[1]
P1[7]
P1[5]
P1[3]
XtalIn/SCLK/P1[1]
Vcc
P0[6]
P0[4]
P0[2]
P0[0]
P2[6]/External V
ref
P2[4] /External AGNDIN
P2[2]
P2[0]
P3[6]
P3[4]
P3[2]
P3[0]
P4[6]
P4[4]
P4[2]
P4[0]
P5[2]
P5[0]
P1[6]
P1[4]
P1[2]
P1[0]/XtalOut/SDATA
Vss
Xres
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com