Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 24 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 24 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 20Page - Cypress Semiconductor PSOC Datasheet HTML 21Page - Cypress Semiconductor PSOC Datasheet HTML 22Page - Cypress Semiconductor PSOC Datasheet HTML 23Page - Cypress Semiconductor PSOC Datasheet HTML 24Page - Cypress Semiconductor PSOC Datasheet HTML 25Page - Cypress Semiconductor PSOC Datasheet HTML 26Page - Cypress Semiconductor PSOC Datasheet HTML 27Page - Cypress Semiconductor PSOC Datasheet HTML 28Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
24
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
Examples
:
2.3.8
Destination Direct Direct
The result of an instruction using this addressing mode is
placed within the RAM memory. Operand 1 is the
address of the result. Operand 2 is an address that
points to a location in the RAM memory that is the source
for the instruction. This addressing mode is only valid on
the MOV instruction. The instruction using this address-
ing mode is three bytes in length.
Example
:
2.3.9
Source Indirect Post Increment
The result of an instruction using this addressing mode is
placed in the Accumulator. Operand 1 is an address
pointing to a location within the memory space, which
contains an address (the indirect address) for the source
of the instruction. The indirect address is incremented as
part of the instruction execution. This addressing mode
is only valid on the MVI instruction. The instruction using
this addressing mode is two bytes in length. See Sec-
tion 7. Instruction Set
in PSoC Designer: Assembly
Language User Guide
for further details on MVI instruc-
tion.
Example
:
2.3.10 Destination Indirect Post Increment
The result of an instruction using this addressing mode is
placed within the memory space. Operand 1 is an
address pointing to a location within the memory space,
which contains an address (the indirect address) for the
destination of the instruction. The indirect address is
incremented as part of the instruction execution. The
source for the instruction is the Accumulator. This
addressing mode is only valid on the MVI instruction.
The instruction using this addressing mode is two bytes
in length.
Example
:
ADD
[X+7],
5
;In this case, the
;value in the memory
;location at address
;X+7 is added with
;the immediate value
;of 5, and the result
;is placed in the
;memory location at
;address X+7.
MOV
REG[X+8], 6
;In this case, the
;immediate value of 6
;is moved into the
;location in the
;register space at
;address X+8.
Table 20:
Destination Direct Direct
Opcode
Operand 1
Operand 2
Instruction
Destination Address Source Address
MOV
[7], [8]
;In this case, the value
;in the memory location at
;address 8 is moved to the
;memory location at
;address 7.
Table 21:
Source Indirect Post Increment
Opcode
Operand 1
Instruction
Source Address Address
MVI
A,
[8]
;In this case, the value
;in the memory location at
;address 8 is an indirect
;address. The memory
;location pointed to by
;the indirect address is
;moved into the
;Accumulator. The
;indirect address is then
;incremented.
Table 22:
Destination Indirect Post Increment
Opcode
Operand 1
Instruction
Destination Address Address
MVI
[8],
A
;In this case, the
;value in the memory
;location at address 8
;is an indirect
;address. The
;Accumulator is moved
;into the memory
;location pointed to by
;the indirect address.
;The indirect address
;is then incremented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com