Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 82 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 82 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 78Page - Cypress Semiconductor PSOC Datasheet HTML 79Page - Cypress Semiconductor PSOC Datasheet HTML 80Page - Cypress Semiconductor PSOC Datasheet HTML 81Page - Cypress Semiconductor PSOC Datasheet HTML 82Page - Cypress Semiconductor PSOC Datasheet HTML 83Page - Cypress Semiconductor PSOC Datasheet HTML 84Page - Cypress Semiconductor PSOC Datasheet HTML 85Page - Cypress Semiconductor PSOC Datasheet HTML 86Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
82
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
10.8.2.3
Analog Continuous Time Type A Block xx Control 2 Register
CPhase controls which internal clock phase the compar-
ator data is latched on.
CLatch controls whether the latch is active or if it is
always transparent.
CompCap controls whether the compensation capacitor
is switched in or not in the op-amp. By not switching in
the compensation capacitance, a much faster response
can be obtained if the amplifier is being used as a com-
parator.
TestMux – selects block bypass mode for testing and
characterization purposes.
Power – encoding for selecting 1 of 4 power levels. The
blocks always power up in the off state.
Analog Continuous Time Block 00 Control 2 Register (ACA00CR2, Address = Bank 0/1, 73h)
Analog Continuous Time Block 01 Control 2 Register (ACA01CR2, Address = Bank 0/1, 77h)
Analog Continuous Time Block 02 Control 2 Register (ACA02CR2, Address = Bank 0/1, 7Bh)
Analog Continuous Time Block 03 Control 2 Register (ACA03CR2, Address = Bank 0/1, 7Fh)
Table 67:
Analog Continuous Time Type A Block xx Control 2 Register
Bit #
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
0
0
Read/
Write
RW
RW
RW
RW
RW
RW
RW
RW
Bit Name
CPhase
CLatch
CompCap TestMux[2] TestMux[1] TestMux[0]
Power[1]
Power[0]
Bit 7
: CPhase
0 = Comparator Control latch transparent on PHI1
1 = Comparator Control latch transparent on PHI2
Bit 6
: CLatch
0 = Comparator Control latch is always transparent
1 = Comparator Control latch is active
Bit 5
: CompCap
0 = Comparator Mode
1 = Op-amp Mode
Bit [4:2]
: TestMux [2:0] Select block bypass mode for testing and characterization purposes
ACA00
ACA01
ACA02
ACA03
1 0 0 = Positive Input to…ABUS0
ABUS1
ABUS2
ABUS3
1 0 1 = AGND to…
ABUS0
ABUS1
ABUS2
ABUS3
1 1 0 = REFLO to…
ABUS0
ABUS1
ABUS2
ABUS3
1 1 1 = REFHI to…
ABUS0
ABUS1
ABUS2
ABUS3
0 x x = All Paths Off
Bit [1:0]
: Power [1:0] Encoding for selecting 1 of 4 power levels
0 0 = Off
0 1 = Low (60 µA)
1 0 = Med (150 µA)
1 1 = High (500 µA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com