Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 49 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 45Page - Cypress Semiconductor PSOC Datasheet HTML 46Page - Cypress Semiconductor PSOC Datasheet HTML 47Page - Cypress Semiconductor PSOC Datasheet HTML 48Page - Cypress Semiconductor PSOC Datasheet HTML 49Page - Cypress Semiconductor PSOC Datasheet HTML 50Page - Cypress Semiconductor PSOC Datasheet HTML 51Page - Cypress Semiconductor PSOC Datasheet HTML 52Page - Cypress Semiconductor PSOC Datasheet HTML 53Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 148 page
background image
Digital PSoC Blocks
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
49
*Three of the digital blocks have special functions. DBA3 is a Broadcast block, with output directly available to
all digital blocks as a clock or data input. Blocks DBA2 and DCA6 have selectable connections to support
Delta Sigma and Incremental A/D converters.
9.2
Digital PSoC Block Bank 1
Registers
9.2.1
Digital Basic Type A / Communications
Type A Block xx Function Register
The Digital Basic Type A/ Communications Type A Block
xx Function Register (DBA00FN-DCA07FN) consists of
3 bits [2:0] to select the block function, 2 bits [4:3] to
select mode of operation, and 1 bit [5] to indicate the last
block in a group of chained blocks.
Figure 12: Digital Basic and Digital Communications PSoC Blocks
DBA0
(Basic Block)
DBA1
(Basic Block)
DBA2
(Basic Block)
DBA3
(Basic Block)
DCA4
(Comm Block)
DCA5
(Comm Block)
DCA6
(Comm Block)
DCA7
(Comm Block)
*Broadcast
*Decimator/
Incremental
*Decimator/
Incremental
Global Inputs [3:0]
Global Outputs [3:0]
Global Inputs [7:4]
Global Outputs [7:4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com