Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 4Page - Cypress Semiconductor PSOC Datasheet HTML 5Page - Cypress Semiconductor PSOC Datasheet HTML 6Page - Cypress Semiconductor PSOC Datasheet HTML 7Page - Cypress Semiconductor PSOC Datasheet HTML 8Page - Cypress Semiconductor PSOC Datasheet HTML 9Page - Cypress Semiconductor PSOC Datasheet HTML 10Page - Cypress Semiconductor PSOC Datasheet HTML 11Page - Cypress Semiconductor PSOC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
8
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
Table 46: Interrupt Vector Register ............................................................................................................46
Table 47: Digital Basic Type A/ Communications Type A Block xx Function Register...............................50
Table 48: Digital Basic Type A / Communications Type A Block xx Input Register ...................................51
Table 49: Digital Function Data Input Definitions .......................................................................................52
Table 50: Digital Basic Type A / Communications Type A Block xx Output Register.................................53
Table 51: Digital Function Outputs .............................................................................................................54
Table 52: Digital Basic Type A / Communications Type A Block xx Data Register 0,1,2...........................54
Table 53: R/W Variations per User Module Selection ................................................................................55
Table 54: Digital Basic Type A / Communications Type A Block xx Control Register 0.............................55
Table 55: Digital Basic Type A/Communications Type A Block xx Control Register 0...............................56
Table 56: Digital Communications Type A Block xx Control Register 0... ..................................................57
Table 57: Digital Communications Type A Block xx Control Register 0... ..................................................58
Table 58: Digital Communications Type A Block xx Control Register 0... ..................................................59
Table 59: Global Input Assignments...........................................................................................................60
Table 60: Global Output Assignments........................................................................................................60
Table 61: Analog System Clocking Signals................................................................................................72
Table 62: Analog Reference Control Register............................................................................................73
Table 63: Analog Column Clock Select Register........................................................................................74
Table 64: Analog Clock Select Register .....................................................................................................75
Table 65: Analog Continuous Time Block xx Control 0 Register................................................................80
Table 66: Analog Continuous Time Block xx Control 1 Register................................................................81
Table 67: Analog Continuous Time Type A Block xx Control 2 Register ...................................................82
Table 68: Analog Switch Cap Type A Block xx Control 0 Register ............................................................86
Table 69: Analog Switch Cap Type A Block xx Control 1 Register ............................................................88
Table 70: Analog Switch Cap Type A Block xx Control 2 Register ............................................................90
Table 71: Analog Switch Cap Type A Block xx Control 3 Register ............................................................91
Table 72: Analog Switch Cap Type B Block xx Control 0 Register ............................................................93
Table 73: Analog Switch Cap Type B Block xx Control 1 Register ............................................................95
Table 74: Analog Switch Cap Type B Block xx Control 2 Register ............................................................97
Table 75: Analog Switch Cap Type B Block xx Control 3 Register ............................................................98
Table 76: Analog Comparator Control Register .........................................................................................99
Table 77: Analog Frequency Relationships..............................................................................................100
Table 78: Analog Synchronization Control Register.................................................................................100
Table 79: Analog Input Select Register ....................................................................................................102
Table 80: Analog Output Buffer Control Register .....................................................................................104
Table 81: Analog Modulator Control Register ..........................................................................................105
Table 82: Multiply Input X Register...........................................................................................................108
Table 83: Multiply Input Y Register...........................................................................................................108
Table 84: Multiply Result High Register ...................................................................................................109
Table 85: Multiply Result Low Register ....................................................................................................109
Table 86: Accumulator Result 1 / Multiply/Accumulator Input X Register ................................................109
Table 87: Accumulator Result 0 / Multiply/Accumulator Input Y Register ................................................109
Table 88: Accumulator Result 3 / Multiply/Accumulator Clear 0 Register ................................................110
Table 89: Accumulator Result 2 / Multiply/Accumulator Clear 1 Register ................................................110
Table 90: Decimator/Incremental Control Register ..................................................................................111
Table 91: Decimator Data High Register..................................................................................................111
Table 92: Decimator Data Low Register...................................................................................................111
Table 93: Processor Status and Control Register ....................................................................................112
Table 94: Reset WDT Register.................................................................................................................114
Table 95: Voltage Monitor Control Register .............................................................................................116
Table 96: Bandgap Trim Register.............................................................................................................118
Table 97: CY8C25122, CY8C26233, CY8C26443, CY8C26643 (256 Bytes of SRAM) ..........................119
Table 98: Table Read for Supervisory Call Functions ..............................................................................120
Table 99: Flash Program Memory Protection...........................................................................................120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com