Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 18Page - Cypress Semiconductor PSOC Datasheet HTML 19Page - Cypress Semiconductor PSOC Datasheet HTML 20Page - Cypress Semiconductor PSOC Datasheet HTML 21Page - Cypress Semiconductor PSOC Datasheet HTML 22Page - Cypress Semiconductor PSOC Datasheet HTML 23Page - Cypress Semiconductor PSOC Datasheet HTML 24Page - Cypress Semiconductor PSOC Datasheet HTML 25Page - Cypress Semiconductor PSOC Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
22
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
Examples
:
2.3.2
Source Direct
The result of an instruction using this addressing mode is
placed in either the A register or the X register, which is
specified as part of the instruction opcode. Operand 1 is
an address that points to a location in either the RAM
memory space or the register space that is the source for
the instruction. Arithmetic instructions require two
sources, the second source is the A register or X register
specified in the opcode. Instructions using this address-
ing mode are two bytes in length.
Examples
:
2.3.3
Source Indexed
The result of an instruction using this addressing mode is
placed in either the A register or the X register, which is
specified as part of the instruction opcode. Operand 1 is
added to the X register forming an address that points to
a location in either the RAM memory space or the regis-
ter space that is the source for the instruction. Arithmetic
instructions require two sources, the second source is
the A register or X register specified in the opcode.
Instructions using this addressing mode are two bytes.
Examples
:
2.3.4
Destination Direct
The result of an instruction using this addressing mode is
placed within either the RAM memory space or the regis-
ter space. Operand 1 is an address that points to the
location of the result. The source for the instruction is
either the A register or the X register, which is specified
as part of the instruction opcode. Arithmetic instructions
require two sources, the second source is the location
specified by Operand 1. Instructions using this address-
ing mode are two bytes in length.
ADD
A,
7
;In this case, the immediate
;value of 7 is added with the
;Accumulator, and the result
;is placed in the
;Accumulator.
MOV
X,
8
;In this case, the immediate
;value of 8 is moved to the X
;register.
AND
F,
9
;In this case, the immediate
;value of 9 is logically
;ANDed with the F register
;and the result is placed in
;the F register.
Table 14:
Source Direct
Opcode
Operand 1
Instruction
Source Address
ADD
A,
[7]
;In this case, the
;value in the RAM
;memory location at
;address 7 is added
;with the Accumulator,
;and the result is
;placed in the
;Accumulator.
MOV
X,
REG[8]
;In this case, the
;value in the register
;space at address 8 is
;moved to the X
;register.
Table 15:
Source Indexed
Opcode
Operand 1
Instruction
Source Index
ADD
A,
[X+7]
;In this case, the
;value in the memory
;location at address
;X + 7 is added with
;the Accumulator, and
;the result is placed
;in the Accumulator.
MOV
X,
REG[X+8]
;In this case, the
;value in the
;register space at
;address X + 8 is
;moved to the X
;register.
Table 16:
Destination Direct
Opcode
Operand 1
Instruction
Destination Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com