Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 87 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 87 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 83Page - Cypress Semiconductor PSOC Datasheet HTML 84Page - Cypress Semiconductor PSOC Datasheet HTML 85Page - Cypress Semiconductor PSOC Datasheet HTML 86Page - Cypress Semiconductor PSOC Datasheet HTML 87Page - Cypress Semiconductor PSOC Datasheet HTML 88Page - Cypress Semiconductor PSOC Datasheet HTML 89Page - Cypress Semiconductor PSOC Datasheet HTML 90Page - Cypress Semiconductor PSOC Datasheet HTML 91Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 148 page
background image
Analog PSoC Blocks
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
87
Analog Switch Cap Type A Block 10 Control 0 Register (ASA10CR0, Address = Bank 0/1, 80h)
Analog Switch Cap Type A Block 12 Control 0 Register (ASA12CR0, Address = Bank 0/1, 88h)
Analog Switch Cap Type A Block 21 Control 0 Register (ASA21CR0, Address = Bank 0/1, 94h)
Analog Switch Cap Type A Block 23 Control 0 Register (ASA23CR0, Address = Bank 0/1, 9Ch)
Bit 7
: FCap F Capacitor value selection bit
0 = 16 capacitor units
1 = 32 capacitor units
Bit 6
: ClockPhase Clock phase select, will invert clocks internal to the blocks. During normal operation of an SC
block for the amplifier of a column enabled to drive the output bus, the connection is only made for the last half of
PHI2 (during PHI1 and for the first half of PHI2, the output bus floats at the last voltage to which it was driven). This
forms a sample and hold operation using the output bus and its associated capacitance. This design prevents the
output bus from being perturbed by the intermediate states of the SC operation (often a reset state for PHI1 and set-
tling to the valid state during PHI2)
Following are the exceptions: 1) If the ClockPhase bit in CR0 (for the SC block in question) is set to 1, then the out-
put is enabled for the whole of PHI2. 2) If the SHDIS signal is set in bit 6 of the Analog Clock Select Register, then
sample and hold operation is disabled for all columns and all enabled outputs of SC blocks are connected to their
respective output busses for the entire period of their respective PHI2s
0 = Internal PHI1 = External PHI1
1 = Internal PHI1 = External PHI2
This bit also affects the latching of the comparator output (CBUS). Both clock phases, PHI1 and PHI2, are involved in
the output latching mechanism. The capture of the next value to be output from the latch (capture point event) hap-
pens during the falling edge of one clock phase, and the rising edge of the other clock phase will cause the value to
come out (output point event). This bit determines which clock phase triggers the capture point event, and the other
clock will trigger the output point event. The value output to the comparator bus will remain stable between output
point events.
0 = Capture Point Event triggered by Falling PHI2, Output Point Event triggered by Rising PHI1
1 = Capture Point Event triggered by Falling PHI1, Output Point Event triggered by Rising PHI2
Bit 5
: ASign
0 = Input sampled on Internal PHI1, Reference Input sampled on internal PHI2
1 = Input sampled on Internal PHI2, Reference Input sampled on internal PHI1
Bit [4:0]
: ACap [4:0] Binary encoding for 32 possible capacitor sizes for A Capacitor:
0 0 0 0 0 = 0 Capacitor units in array
0 0 0 0 1 = 1 Capacitor units in array
0 0 0 1 0 = 2 Capacitor units in array
0 0 0 1 1 = 3 Capacitor units in array
0 0 1 0 0 = 4 Capacitor units in array
0 0 1 0 1 = 5 Capacitor units in array
0 0 1 1 0 = 6 Capacitor units in array
0 0 1 1 1 = 7 Capacitor units in array
0 1 0 0 0 = 8 Capacitor units in array
0 1 0 0 1 = 9 Capacitor units in array
0 1 0 1 0 = 10 Capacitor units in array
0 1 0 1 1 = 11 Capacitor units in array
0 1 1 0 0 = 12 Capacitor units in array
0 1 1 0 1 = 13 Capacitor units in array
0 1 1 1 0 = 14 Capacitor units in array
0 1 1 1 1 = 15 Capacitor units in array
1 0 0 0 0 = 16 Capacitor units in array
1 0 0 0 1 = 17 Capacitor units in array
1 0 0 1 0 = 18 Capacitor units in array
1 0 0 1 1 = 19 Capacitor units in array
1 0 1 0 0 = 20 Capacitor units in array
1 0 1 0 1 = 21 Capacitor units in array
1 0 1 1 0 = 22 Capacitor units in array
1 0 1 1 1 = 23 Capacitor units in array
1 1 0 0 0 = 24 Capacitor units in array
1 1 0 0 1 = 25 Capacitor units in array
1 1 0 1 0 = 26 Capacitor units in array
1 1 0 1 1 = 27 Capacitor units in array
1 1 1 0 0 = 28 Capacitor units in array
1 1 1 0 1 = 29 Capacitor units in array
1 1 1 1 0 = 30 Capacitor units in array
1 1 1 1 1 = 31 Capacitor units in array
Table 68:
Analog Switch Cap Type A Block xx Control 0 Register, continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com