Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 25Page - Cypress Semiconductor PSOC Datasheet HTML 26Page - Cypress Semiconductor PSOC Datasheet HTML 27Page - Cypress Semiconductor PSOC Datasheet HTML 28Page - Cypress Semiconductor PSOC Datasheet HTML 29Page - Cypress Semiconductor PSOC Datasheet HTML 30Page - Cypress Semiconductor PSOC Datasheet HTML 31Page - Cypress Semiconductor PSOC Datasheet HTML 32Page - Cypress Semiconductor PSOC Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 148 page
background image
I/O Ports
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
29
5.0
I/O Ports
5.1
Introduction
Up to five 8-bit-wide I/O ports (P0-P4) and one 4-bit wide
I/O port (P5) are implemented. The number of general
purpose I/Os implemented and connected to pins
depends on the individual part chosen. All port bits are
independently programmable and have the following
capabilities:
General-purpose digital input readable by the CPU.
General-purpose digital output writable by the CPU.
Independent control of data direction for each port
bit.
Independent access for each port bit to Global Input
and Global Output busses.
Interrupt programmable to assert on rising edge,
falling edge, or change from last pin state read.
Output drive strength programmable in logic 0 and 1
states as strong, resistive (pull-up or pull-down), or
high impedance.
Port 1, pin 0 is used in conjunction with device Test
Mode and will not function as an output for approxi-
mately 16 ms after XRES. After negating XRES, the pin
will be held low for approximately 16 ms. This does not
prevent the CPU from writing to this Data Register bit
(PRT0DR, bit 0). However, the written data will not
appear on the output pin until after the 16 ms delay.
There are no restrictions when using the pin as an input.
In addition, the pin may also be configured (e.g., drive
strength, interrupts) during this time. A device reset with
Power On Reset (POR) will not exhibit this problem
because there is a CPU hold-off time of approximately
64 ms before code execution begins.
In System Sleep State, GPIO Pins P2[4] and P2[6]
should be held to a logic low or a false Low Voltage
Detect interrupt may be triggered. The cause is in the
System Sleep State, the internal Bandgap reference
generator is turned off and the reference voltage is main-
tained on a capacitor.
The circumstances are that during sleep, the reference
voltage on the capacitor is refreshed periodically at the
sleep system duty cycle. Between refresh cycles, this
voltage may leak slightly to either the positive supply or
ground. If pins P2[4] or P2[6] are in a high state, the leak-
age to the positive supply is accelerated (especially at
high temperature). Since the reference voltage is com-
pared to the supply to detect a low voltage condition, this
accelerated leakage to the positive supply voltage will
cause that voltage to appear lower than it actually is,
leading to the generation of a false Low Voltage Detect
interrupt.
Port 0 and Port 2 have additional analog input and/or
analog output capability. The specific routing and multi-
plexing of analog signals is shown in the following dia-
gram:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com