Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 52 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 52 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 48Page - Cypress Semiconductor PSOC Datasheet HTML 49Page - Cypress Semiconductor PSOC Datasheet HTML 50Page - Cypress Semiconductor PSOC Datasheet HTML 51Page - Cypress Semiconductor PSOC Datasheet HTML 52Page - Cypress Semiconductor PSOC Datasheet HTML 53Page - Cypress Semiconductor PSOC Datasheet HTML 54Page - Cypress Semiconductor PSOC Datasheet HTML 55Page - Cypress Semiconductor PSOC Datasheet HTML 56Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
52
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
Digital Communications Type A Block 06 Input Register
(DCA06IN, Address = Bank 1, 39h)
Digital Communications Type A Block 07 Input Register
(DCA07IN, Address = Bank 1, 3Dh)
The Data/Enable source select [3:0] bits select between
multiple inputs to the Digital PSoC Blocks. These inputs
serve as Clock Enables or Data Input depending on the
Digital PSoC Block’s programmed function. If “Chain
Function to Previous” data input is selected for Data/
Enable then the selected Digital PSoC block receives its
Data, Enable, Zero Detect, and all chaining information
from the previous digital PSoC block. The data inputs
that are selected from the GPIO pins (through the Global
Input Bus) are synchronized to the 24 MHz clock. The
following table shows the function dependent meaning of
the data input.
The Clock[3:0] bits select multiple sources for the clock
for each digital PSoC block. The sources for each digital
PSoC block clock are selected from the Global Input
Bus, System Clocks, and other neighboring digital PSoC
blocks. As shown in the table, Digital PSoC Blocks 0-3
can interface to Global I/Os 00-03, and Digital PSoC
block 04-07 can interface to Global I/Os 4-7. It is impor-
tant to note that clock inputs selected from the GPIO pins
(through the Global Input Bus) are not synchronized.
This may cause indeterminate results if the CPU reads a
block register as it is changing in response to an external
clock. CPU reads must be manually synchronized, either
through the block interrupt, or through a multiple read
and voting scheme.
9.2.3
Digital Basic Type A / Communications Type A Block xx Output Register
The digital PSoC block’s outputs can be selected to drive
associated Global Output Bus signals via the Output
Select bits. In addition, the output drive can be selec-
tively enabled in this register. The SPI Slave has an aux-
iliary input which is also controlled by selections in this
register.
Table 49:
Digital Function Data Input Definitions
Function
Data Input
Timer
Positive Edge Capture
Counter
Count Enable (Active High)
CRC
Data Input
PRS
N/A
Deadband
Kill Signal (Active High)
TX UART
N/A
RX UART
RX Data In
SPI Master
MISO (Master In/Slave Out)
SPI Slave
MOSI (Master Out/Slave In)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com