Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 27 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 27 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 23Page - Cypress Semiconductor PSOC Datasheet HTML 24Page - Cypress Semiconductor PSOC Datasheet HTML 25Page - Cypress Semiconductor PSOC Datasheet HTML 26Page - Cypress Semiconductor PSOC Datasheet HTML 27Page - Cypress Semiconductor PSOC Datasheet HTML 28Page - Cypress Semiconductor PSOC Datasheet HTML 29Page - Cypress Semiconductor PSOC Datasheet HTML 30Page - Cypress Semiconductor PSOC Datasheet HTML 31Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 148 page
background image
Register Organization
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
27
4.2
Register Bank 0 Map
Table 26:
Bank 0
PRT0DR
00h 31
RW
40h
ASA10CR0 80h 86
RW
C0h
PRT0IE
01h 31
W
41h
ASA10CR1 81h 88
RW
C1h
PRT0GS
02h 32
W
42h
ASA10CR2 82h 90
RW
C2h
Reserved
03h
43h
ASA10CR3 83h 91
RW
C3h
PRT1DR
04h 31
RW
44h
ASB11CR0 84h 93
RW
C4h
PRT1IE
05h 31
W
45h
ASB11CR1 85h 95
RW
C5h
PRT1GS
06h 32
W
46h
ASB11CR2 86h 97
RW
C6h
Reserved
07h
47h
ASB11CR3 87h 98
RW
C7h
PRT2DR
08h 31
RW
48h
ASA12CR0 88h 86
RW
C8h
PRT2IE
09h 31
W
49h
ASA12CR1 89h 88
RW
C9h
PRT2GS
0Ah 32
W
4Ah
ASA12CR2 8Ah 90
RW
CAh
Reserved
0Bh
4Bh
ASA12CR3 8Bh 91
RW
CBh
PRT3DR
0Ch 31
RW
4Ch
ASB13CR0 8Ch 93
RW
CCh
PRT3IE
0Dh 31
W
4Dh
ASB13CR1 8Dh 95
RW
CDh
PRT3GS
0Eh 32
W
4Eh
ASB13CR2 8Eh 97
RW
CEh
Reserved
0Fh
4Fh
ASB13CR3 8Fh 98
RW
CFh
PRT4DR
10h 31
RW
50h
ASB20CR0 90h 93
RW
D0h
PRT4IE
11h 31
W
51h
ASB20CR1 91h 95
RW
D1h
PRT4GS
12h 32
W
52h
ASB20CR2 92h 97
RW
D2h
Reserved
13h
53h
ASB20CR3 93h 98
RW
D3h
PRT5DR
14h 31
RW
54h
ASA21CR0 94h 86
RW
D4h
PRT5IE
15h 31
W
55h
ASA21CR1 95h 88
RW
D5h
PRT5GS
16h 32
W
56h
ASA21CR2 96h 90
RW
D6h
17h
57h
ASA21CR3 97h 91
RW
D7h
18h
58h
ASB22CR0 98h 93
RW
D8h
19h
59h
ASB22CR1 99h 95
RW
D9h
1Ah
5Ah
ASB22CR2 9Ah 97
RW
DAh
1Bh
5Bh
ASB22CR3 9Bh 98
RW
DBh
1Ch
5Ch
ASA23CR0 9Ch 86
RW
DCh
1Dh
5Dh
ASA23CR1 9Dh 88
RW
DDh
1Eh
5Eh
ASA23CR2 9Eh 90
RW
DEh
1Fh
5Fh
ASA23CR3 9Fh 91
RW
DFh
DBA00DR0 20h 54
1
AMX_IN
60h 102 RW
A0h
INT_MSK0
E0h 45
RW
DBA00DR1 21h 54
1
Reserved
61h
A1h
INT_MSK1
E1h 46
RW
DBA00DR2 22h 54
1
62h
A2h
INT_VC
E2h 46
RW
DBA00CR0 23h 55
1
ARF_CR
63h 73
RW
A3h
RES_WDT
E3h 114
RW
DBA01DR0 24h 54
1
CMP_CR
64h 99
1
A4h
DEC_DH/DEC_CL
E4h 111
RW
DBA01DR1 25h 54
1
ASY_CR
65h 100 1
A5h
DEC_DL
E5h 111
R
DBA01DR2 26h 54
1
66h
A6h
DEC_CR
E6h 111
RW
DBA01CR0 27h 55
1
67h
A7h
Reserved
E7h
DBA02DR0 28h 54
1
68h
A8h
MUL_X
E8h 108 W
DBA02DR1 29h 54
1
69h
A9h
MUL_Y
E9h 108 W
DBA02DR2 2Ah 54
1
6Ah
AAh
MUL_DH
EAh 109 R
DBA02CR0 2Bh 55
1
6Bh
ABh
MUL_DL
EBh 109 R
DBA03DR0 2Ch 54
1
6Ch
ACh
ACC_DR1/MAC_X
ECh 109 RW
DBA03DR1 2Dh 54
1
6Dh
ADh
ACC_DR0/MAC_Y
EDh 109 RW
DBA03DR2 2Eh 54
1
6Eh
AEh
ACC_DR3/MAC_CL0 EEh 110
RW
DBA03CR0 2Fh 55
1
6Fh
AFh
ACC_DR2/MAC_CL1 EFh 110
RW
DCA04DR0 30h 54
1
70h
B0h
F0h
DCA04DR1 31h 54
1
ACA00CR0 71h 80
RW
B1h
F1h
DCA04DR2 32h 54
1
ACA00CR1 72h 81
RW
B2h
F2h
DCA04CR0 33h 55
1
ACA00CR2 73h 82
RW
B3h
F3h
DCA05DR0 34h 54
1
Reserved
74h
B4h
F4h
DCA05DR1 35h 54
1
ACA01CR0 75h 80
RW
B5h
F5h
DCA05DR2 36h 54
1
ACA01CR1 76h 81
RW
B6h
F6h
DCA05CR0 37h 55
1
ACA01CR2 77h 82
RW
B7h
F7h
DCA06DR0 38h 54
1
Reserved
78h
B8h
F8h
DCA06DR1 39h 54
1
ACA02CR0 79h 80
RW
B9h
F9h
DCA06DR2 3Ah 54
1
ACA02CR1 7Ah 81
RW
BAh
FAh
DCA06CR0 3Bh 55
1
ACA02CR2 7Bh 82
RW
BBh
FBh
DCA07DR0 3Ch 54
1
Reserved
7Ch
BCh
FCh
DCA07DR1 3Dh 54
1
ACA03CR0 7Dh 80
RW
BDh
FDh
DCA07DR2 3Eh 54
1
ACA03CR1 7Eh 81
RW
BEh
FEh
DCA07CR0 3Fh 55
1
ACA03CR2 7Fh 82
RW
BFh
CPU_SCR
FFh 112
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com