Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 96 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 96 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 92Page - Cypress Semiconductor PSOC Datasheet HTML 93Page - Cypress Semiconductor PSOC Datasheet HTML 94Page - Cypress Semiconductor PSOC Datasheet HTML 95Page - Cypress Semiconductor PSOC Datasheet HTML 96Page - Cypress Semiconductor PSOC Datasheet HTML 97Page - Cypress Semiconductor PSOC Datasheet HTML 98Page - Cypress Semiconductor PSOC Datasheet HTML 99Page - Cypress Semiconductor PSOC Datasheet HTML 100Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
96
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
10.10.2.3
Analog Switch Cap Type B Block xx Control 2 Register
AnalogBus gates the output to the analog column bus.
The output on the analog column bus is affected by the
state of the ClockPhase bit in Control 0 Register
(ASB11CR0, ASB13CR0, ASB20CR0, ASB22CR0). If
AnalogBus is set to 0, the output to the analog column
bus is tri-stated. If AnalogBus is set to 1, the ClockPhase
bit selects the signal that is output to the analog-column
bus. If the ClockPhase bit is 0, the block output is gated
by sampling clock on last part of PHI2. If the ClockPhase
bit is 1, the block ClockPhase continuously drives the
analog column bus.
CompBus controls the output to the column comparator
bus. Note that if the comparator bus is not driven by any-
thing in the column, it is pulled low. The comparator out-
put is evaluated on the rising edge of internal PHI1 and
is latched so it is available during internal PHI2.
AutoZero controls the shorting of the output to the invert-
ing input of the op-amp. When shorted, the op-amp is
basically a follower. The output is the op-amp offset. By
using the feedback capacitor of the integrator, the block
can memorize the offset and create an offset cancella-
tion scheme. AutoZero also controls a pair of switches
between the A and B branches and the summing node of
the op-amp. If AutoZero is enabled, then the pair of
switches is active. AutoZero also affects the function of
the FSW1 bit in Control 3 Register.
The CCap bits set the value of the capacitor in the C
path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com