Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 30 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 30 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 26Page - Cypress Semiconductor PSOC Datasheet HTML 27Page - Cypress Semiconductor PSOC Datasheet HTML 28Page - Cypress Semiconductor PSOC Datasheet HTML 29Page - Cypress Semiconductor PSOC Datasheet HTML 30Page - Cypress Semiconductor PSOC Datasheet HTML 31Page - Cypress Semiconductor PSOC Datasheet HTML 32Page - Cypress Semiconductor PSOC Datasheet HTML 33Page - Cypress Semiconductor PSOC Datasheet HTML 34Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
30
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
Figure 7: General Purpose I/O Pins
GPIO
InterruptEnable
(INT_MSK0:5)
Global Input Line
To CPU Bus
IM0
IM1
IM0
IM1
IM0
IM1
GPIO Read
Global Select
DQ
En
Change
Fall
Rise
Interrupt Mode
IM0
IM1
Output
0
0
Suppress Interrupt
0
1
Falling Edge
10
Rising Edge
1
1
Change from last read
Bonding
Pad
Analog In (Ports 0 and 2 Only)
CPU Bus
GPIO Write
5.6K
Global Select
DM0
DM1
5.6K
V
DD
V
SS
V
DD
V
SS
D
Q
DM0
DM1
Drive Mode
DM0
DM1
Output
0
0
Resistive Pulldown
0
1
Strong Drive
1
0
High Z (off)
1
1
Resistive Pullup
DM1
DM0
Global Out
D
Q
1
From
Other
GPIO
Pins
GPIO Int
DM0
DM1
Analog Out (Port 0 Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com