Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 2 Page - Cypress Semiconductor

  PSOC Datasheet HTML 1Page - Cypress Semiconductor PSOC Datasheet HTML 2Page - Cypress Semiconductor PSOC Datasheet HTML 3Page - Cypress Semiconductor PSOC Datasheet HTML 4Page - Cypress Semiconductor PSOC Datasheet HTML 5Page - Cypress Semiconductor PSOC Datasheet HTML 6Page - Cypress Semiconductor PSOC Datasheet HTML 7Page - Cypress Semiconductor PSOC Datasheet HTML 8Page - Cypress Semiconductor PSOC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 148 page
background image
2
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
CYPRESS MICROSYSTEMS
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
The CY8C25122/CY8C26233/CY8C26443/CY8C26643 family of Programmable System-on-
Chip (PSoC™) microcontrollers replaces multiple MCU-based system components with one sin-
gle-chip, programmable device. A PSoC microcontroller includes a fast CPU, Flash program
memory, and SRAM data memory with configurable analog and digital peripheral blocks in a
range of convenient pin-outs and memory sizes. The driving force behind this innovative Pro-
grammable System-on-Chip comes from user configurability of analog and digital arrays: the
PSoC blocks.
Powerful Harvard Architecture Processor with Fast
Multiply/Accumulate
M8C processor instruction set
Processor speeds to 24 MHz
Register speed memory transfers
Flexible addressing modes
Bit manipulation on I/O and memory
8x8 multiply, 32-bit accumulate
Flexible On-Chip Memory
Flash program storage, 4K to 16K bytes, depending
on device
50,000 erase/write cycles
256 bytes SRAM data storage
In-System Serial Programming (ISSP)
Partial Flash updates
Flexible protection modes
EEPROM emulation in Flash, up to 2,304 bytes
Programmable System-on-Chip (PSoC) Blocks
On-chip, user configurable analog and digital
peripheral blocks
PSoC blocks can be used individually or in combina-
tion
12 Analog PSoC blocks provide:
Up to 11 bit Delta-Sigma ADC
Up to 8 bit Successive Approximation ADC
Up to 12 bit Incremental ADC
Up to 10 bit DAC
Programmable gain amplifier
Programmable filters
Differential comparators
8 Digital PSoC blocks provide:
Multipurpose timers: event timing, real-time clock,
pulse width modulation (PWM) and PWM with
deadband
CRC modules
Full-duplex UARTs
SPImaster or slave configuration
Flexible clocking sources for analog PSoC blocks
Programmable Pin Configurations
Schmitt trigger TTL I/O pins
Logic output drive to 25 mA with internal pull-up or
pull-down resistors, High Z, or strong driver
Interrupt on pin change
Analog output drive to 40 mA
Precision, Programmable Clocking
Internal 24/48 MHz Oscillator (+/- 2.5%, no external
components)
External 32.768 kHz Crystal Oscillator (optional pre-
cision source for PLL)
Internal Low Speed Oscillator for Watchdog and
Sleep
Dedicated Peripherals
Watchdog and Sleep Timers
Low Voltage Detection with user-configurable
threshold voltages
On-chip voltage reference
Fully Static CMOS Devices using advanced Flash
technology
Low power at high speed
Operating voltage from 3.0 to 5.25 V
Operating voltage down to 1.0 V using on-chip
switch mode voltage pump
Wide temperature range: -40 oC to + 85 oC
Complete Development Tools
Powerful integrated development environment
(PSoCDesigner)
Low-cost, in-circuit emulator and programmer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com