Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 28Page - Cypress Semiconductor PSOC Datasheet HTML 29Page - Cypress Semiconductor PSOC Datasheet HTML 30Page - Cypress Semiconductor PSOC Datasheet HTML 31Page - Cypress Semiconductor PSOC Datasheet HTML 32Page - Cypress Semiconductor PSOC Datasheet HTML 33Page - Cypress Semiconductor PSOC Datasheet HTML 34Page - Cypress Semiconductor PSOC Datasheet HTML 35Page - Cypress Semiconductor PSOC Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
32
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
6.3
Port Global Select Registers
Port 0 Global Select Register (PRT0GS, Address = Bank 0, 02h)
Port 1 Global Select Register (PRT1GS, Address = Bank 0, 06h)
Port 2 Global Select Register (PRT2GS, Address = Bank 0, 0Ah)
Port 3 Global Select Register (PRT3GS, Address = Bank 0, 0Eh)
Port 4 Global Select Register (PRT4GS, Address = Bank 0, 12h)
Port 5 Global Select Register (PRT5GS, Address = Bank 0, 16h) Note: If implemented, Port 5 is 4-bits wide
6.3.1
Port Drive Mode 0 Registers
Port 0 Drive Mode 0 Register (PRT0DM0, Address = Bank 1, 00h)
Port 1 Drive Mode 0 Register (PRT1DM0, Address = Bank 1, 04h)
Port 2 Drive Mode 0 Register (PRT2DM0, Address = Bank 1, 08h)
Port 3 Drive Mode 0 Register (PRT3DM0, Address = Bank 1, 0Ch)
Port 4 Drive Mode 0 Register (PRT4DM0, Address = Bank 1, 10h)
Port 5 Drive Mode 0 Register (PRT5DM0, Address = Bank 1, 14h) Note: Port 5 is 4-bits wide
Table 30:
Port Global Select Registers
Bit #
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
0
0
Read/Write
W
W
W
W
W
W
W
W
Bit Name
GlobSel
[7]
GlobSel
[6]
GlobSel
[5]
GlobSel
[4]
GlobSel
[3]
GlobSel
[2]
GlobSel
[1]
GlobSel
[0]
Bit [7:0]
: Global Select [7:0] When written determines whether a pin is connected to the Global Input Bus and Glo-
bal Output Bus
0 = Not Connected
1 = Connected
Drive Mode xx = Global Select Register 0 = Standard CPU controlled port (Default)
Drive Mode 1 0 (High Z) = Global Select Register 1 = Direct Drive of associated Global Input line
Drive Mode 0 0, 0 1, 1 1 = Global Select Register 1 = Direct Receive from associated Global Output line
Table 31:
Port Drive Mode 0 Registers
Bit #
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
0
0
Read/Write
W
W
W
W
W
W
W
W
Bit Name
DM0 [7]
DM0 [6]
DM0 [5]
DM0 [4]
DM0 [3]
DM0 [2]
DM0 [1]
DM0 [0]
Bit [7:0]
: DM0 [7:0] The two Drive Mode bits that control a particular port pin are treated as a pair and are decoded
as follows:
Port Data Register Bit 0 = Drive Mode 0 0 = 0 Resistive (Default)
Port Data Register Bit 0 = Drive Mode 0 1 = 0 Strong
Port Data Register Bit 0 = Drive Mode 1 0 = High Z
Port Data Register Bit 0 = Drive Mode 1 1 = 0 Strong
Port Data Register Bit 1 = Drive Mode 0 0 = 1 Strong
Port Data Register Bit 1 = Drive Mode 0 1 = 1 Strong
Port Data Register Bit 1 = Drive Mode 1 0 = High Z
Port Data Register Bit 1 = Drive Mode 1 1 = 1 Resistive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com