Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 90 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 90 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 86Page - Cypress Semiconductor PSOC Datasheet HTML 87Page - Cypress Semiconductor PSOC Datasheet HTML 88Page - Cypress Semiconductor PSOC Datasheet HTML 89Page - Cypress Semiconductor PSOC Datasheet HTML 90Page - Cypress Semiconductor PSOC Datasheet HTML 91Page - Cypress Semiconductor PSOC Datasheet HTML 92Page - Cypress Semiconductor PSOC Datasheet HTML 93Page - Cypress Semiconductor PSOC Datasheet HTML 94Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
90
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
Analog Switch Cap Type A Block 10 Control 2 Register (ASA10CR2, Address = Bank 0/1, 82h)
Analog Switch Cap Type A Block 12 Control 2 Register (ASA12CR2, Address = Bank 0/1, 8Ah)
Analog Switch Cap Type A Block 21 Control 2 Register (ASA21CR2, Address = Bank 0/1, 96h)
Analog Switch Cap Type A Block 23 Control 2 Register (ASA23CR2, Address = Bank 0/1, 9Eh)
Table 70:
Analog Switch Cap Type A Block xx Control 2 Register
Bit #
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
0
0
Read/
Write
RW
RW
RW
RW
RW
RW
RW
RW
Bit Name
AnalogBus
CompBus
AutoZero
CCap[4]
CCap[3]
CCap[2]
CCap[1]
CCap[0]
Bit 7
: AnalogBus Enable output to the analog bus
0 = Disable output to analog column bus
1 = Enable output to analog column bus
(The output on the analog column bus is affected by the state of the ClockPhase bit in Control 0 Register
(ASA10CR0, ASA12CR0, ASA21CR0, ASA23CR0). If AnalogBus is set to 0, the output to the analog column bus is
tri-stated. If AnalogBus is set to 1, the signal that is output to the analog column bus is selected by the ClockPhase
bit. If the ClockPhase bit is 0, the block output is gated by sampling clock on last part of PHI2. If the ClockPhase bit
is 1, the block output continuously drives the analog column bus.)
Bit 6
: CompBus Enable output to the comparator bus
0 = Disable output to comparator bus
1 = Enable output to comparator bus
Bit 5
: AutoZero Bit for controlling gated switches
0 = Shorting switch is not active. Input cap branches shorted to op-amp input
1 = Shorting switch is enabled during internal PHI1. Input cap branches shorted to analog ground during internal
PHI1 and to op-amp input during internal PHI2.
Bit [4:0]
: CCap [4:0] Binary encoding for 32 possible capacitor sizes for C Capacitor:
0 0 0 0 0 = 0 Capacitor units in array
0 0 0 0 1 = 1 Capacitor units in array
0 0 0 1 0 = 2 Capacitor units in array
0 0 0 1 1 = 3 Capacitor units in array
0 0 1 0 0 = 4 Capacitor units in array
0 0 1 0 1 = 5 Capacitor units in array
0 0 1 1 0 = 6 Capacitor units in array
0 0 1 1 1 = 7 Capacitor units in array
0 1 0 0 0 = 8 Capacitor units in array
0 1 0 0 1 = 9 Capacitor units in array
0 1 0 1 0 = 10 Capacitor units in array
0 1 0 1 1 = 11 Capacitor units in array
0 1 1 0 0 = 12 Capacitor units in array
0 1 1 0 1 = 13 Capacitor units in array
0 1 1 1 0 = 14 Capacitor units in array
0 1 1 1 1 = 15 Capacitor units in array
1 0 0 0 0 = 16 Capacitor units in array
1 0 0 0 1 = 17 Capacitor units in array
1 0 0 1 0 = 18 Capacitor units in array
1 0 0 1 1 = 19 Capacitor units in array
1 0 1 0 0 = 20 Capacitor units in array
1 0 1 0 1 = 21 Capacitor units in array
1 0 1 1 0 = 22 Capacitor units in array
1 0 1 1 1 = 23 Capacitor units in array
1 1 0 0 0 = 24 Capacitor units in array
1 1 0 0 1 = 25 Capacitor units in array
1 1 0 1 0 = 26 Capacitor units in array
1 1 0 1 1 = 27 Capacitor units in array
1 1 1 0 0 = 28 Capacitor units in array
1 1 1 0 1 = 29 Capacitor units in array
1 1 1 1 0 = 30 Capacitor units in array
1 1 1 1 1 = 31 Capacitor units in array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com