Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 64 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 64 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 60Page - Cypress Semiconductor PSOC Datasheet HTML 61Page - Cypress Semiconductor PSOC Datasheet HTML 62Page - Cypress Semiconductor PSOC Datasheet HTML 63Page - Cypress Semiconductor PSOC Datasheet HTML 64Page - Cypress Semiconductor PSOC Datasheet HTML 65Page - Cypress Semiconductor PSOC Datasheet HTML 66Page - Cypress Semiconductor PSOC Datasheet HTML 67Page - Cypress Semiconductor PSOC Datasheet HTML 68Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
64
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
2.
Enabling
The data input to the Dead-Band function is hard-
ware to the primary output of the previous block,
which is typically programmed to be a PWM. The
proper order for enabling these blocks (writing the
Control Register 0) is PWM first, then Dead-Band.
3.
Disabled State
When the Control Register Enable bit is set to ‘0’,
the internal block clock is turned off. A write to Data
Register 1 (Period) is loaded directly into Data Reg-
ister 0 (Counter) to initialize or reset the dead-band
time. All outputs are low and the block interrupt is
held low.
4.
Asserting the Kill Signal
When the Kill signal is asserted high, both outputs
FO and F1 are held low. When the Kill signal is
selected from an external source through a Global
Input, it is synchronized to the 24 MHz clock and
therefore has up to 42 ns of latency.
5.
Negating the Kill Signal
The Kill signal may be negated at any time. How-
ever, the output may be enabled at an arbitrary time
with respect to the F0 and F1 generation. If exact
timing is required when re-enabling the F0 and F1
outputs, the following procedure is recommended:
1.Kill is asserted.
2.Write to Control Register 0 to disable the
block.
3.Write to Data Register 1 (Deadband time) to
initialize the period.
4.Kill is eventually negated.
5.Write to Control Register 0 to enable the
block.
9.5.4
PRS - Pseudo-Random Sequence
Generator
9.5.4.1
Summary
The PRS function generates an output waveform corre-
sponding to a sequence of pseudo-random numbers. A
linear-feedback shift register generates the sequence
according to a user-specified polynomial. The width of
the numbers in the sequence is variable and the initial
value is determined by a user-defined “seed” value. PRS
PSoC blocks can be chained to increase the width of the
numbers and, hence, the length of the sequence. A
chain of N PSoC blocks can generate numbers from 2-
to 8N-bits wide and sequences of up to 28N-1 distinct val-
ues.
9.5.4.2
Registers
Data Register 0 implements a linear-feedback shift regis-
ter. Data Register 2 holds the “seed” value and when the
block is disabled, a write to Data Register 2 is loaded
directly into Data Register 0 (The block must be disabled
when writing this value). Data Register 1 specifies the
polynomial and width of the numbers in the sequence
(see 9.5.4.6).
9.5.4.3
Inputs
The clock input determines the rate at which the output
sequence is produced. The data input must be set to low
for the block to function as a PRS. The multiplexer for
selecting these inputs is controlled by the PSoC block
Input Register (DBA00IN-DCA07IN).
9.5.4.4
Outputs
The PRS function drives the output serial data stream
synchronous with the input clock. The output bits change
on the rising edge of the input clock. The output may be
driven on the Global Output bus or to the subsequent
digital PSoC block. The PSoC block Output Register
(DBA00OU-DCA07OU) controls output options.
9.5.4.5
Interrupts
The PRS function provides an interrupt based on the
Compare signal between Data Register 0 and Data Reg-
ister 2. Data Register 2 is initially loaded with the “seed”
value, and therefore a periodic interrupt will be gener-
ated when the PRS count matches the seed value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com