Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 38 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 38 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 34Page - Cypress Semiconductor PSOC Datasheet HTML 35Page - Cypress Semiconductor PSOC Datasheet HTML 36Page - Cypress Semiconductor PSOC Datasheet HTML 37Page - Cypress Semiconductor PSOC Datasheet HTML 38Page - Cypress Semiconductor PSOC Datasheet HTML 39Page - Cypress Semiconductor PSOC Datasheet HTML 40Page - Cypress Semiconductor PSOC Datasheet HTML 41Page - Cypress Semiconductor PSOC Datasheet HTML 42Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
38
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
7.1.5
Phase-Locked Loop (PLL) Operation
The Phase-Locked Loop (PLL) function generates the
system clock with crystal accuracy. It is designed to pro-
vide a 23.986 MHz oscillator when utilized with an exter-
nal 32.768 kHz crystal. Although the PLL provides
crystal accuracy it requires time to lock onto the refer-
ence frequency when first starting. After the External
Crystal Oscillator has been selected and enabled, the
following procedure should be followed to enable the
PLL and allow for proper frequency lock:
1.
Select a CPU frequency of 3 MHz or less.
2.
Enable the PLL.
3.
Wait at least 10 ms.
4.
Set CPU to a faster frequency, if desired. To do this,
write the bits CPU[20] in the USC_CPU register.
The CPU frequency will immediately change when
these bits are set.
If the proper settings are selected in PSoC Designer, the
above steps are automatically done in boot.asm.
7.2
System Clocking Signals
There are twelve system-clocking signals that are used
throughout the device. Referenced frequencies are
based on use of 32.768 kHz crystal. The names of these
signals and their definitions are as follows:
Table 39:
System Clocking Signals and Definitions
Signal
Definition
48M
The direct 48 MHz output from the Internal Main Oscillator.
24M
The direct 24 MHz output from the Internal Main Oscillator.
24V1
The 24 MHz output from the Internal Main Oscillator that has been passed through a user-selectable 1
to 16 divider {F = 24 MHz / (1 to 16) = 24 MHz to 1.5 MHz}. The divider value is found in the Oscillator
Control 1 Register (OSC_CR1). Note that the divider will be N+1, based on a value of N written into the
register bits.
24V2
The 24V1 signal that has been passed through an additional user-selectable 1 to 16 divider {F = 24
MHz / ((1 to 16) * (1 to 16)) = 24 MHz to 93.7 kHz}. The divider value is found in the Oscillator Control 1
Register (OSC_CR1). Note that the divider will be N+1, based on a value of N written into the register
bits.
32K
The multiplexed output of either the Internal Low Speed Oscillator or the External Crystal Oscillator.
CPU
The output from the Internal Main Oscillator that has been passed through a divider that has 8 user
selectable ratios ranging from 1:1 to 1:256, yielding frequencies ranging from 24 MHz to 93.7 kHz.
SLP
The 32K system-clocking signal that has been passed through a divider that has 4 user selectable
ratios ranging from 1:26 to 1:215, yielding frequencies ranging from 512 Hz to 1 Hz. This signal is used
to clock the sleep timer period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com