Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 51 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 51 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 47Page - Cypress Semiconductor PSOC Datasheet HTML 48Page - Cypress Semiconductor PSOC Datasheet HTML 49Page - Cypress Semiconductor PSOC Datasheet HTML 50Page - Cypress Semiconductor PSOC Datasheet HTML 51Page - Cypress Semiconductor PSOC Datasheet HTML 52Page - Cypress Semiconductor PSOC Datasheet HTML 53Page - Cypress Semiconductor PSOC Datasheet HTML 54Page - Cypress Semiconductor PSOC Datasheet HTML 55Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 148 page
background image
Digital PSoC Blocks
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
51
Digital Communications Type A Block 05 Function Register
(DCA05FN, Address = Bank 1, 34h)
Digital Communications Type A Block 06 Function Register
(DCA06FN, Address = Bank 1, 38h)
Digital Communications Type A Block 07 Function Register
(DCA07FN, Address = Bank 1, 3Ch)
9.2.2
Digital Basic Type A / Communications Type A Block xx Input Register
The Digital Basic Type A / Communications Type A Block
xx Input Register (DBA00IN-DCA07IN) consists of 4 bits
[3:0] to select the block input clock and 4 bits [7:4] to
select the primary data/enable input. The actual usage of
the input data/enable is function dependent.
Digital Basic Type A Block 00 Input Register
(DBA00IN, Address = Bank 1, 21h)
Digital Basic Type A Block 01 Input Register
(DBA01IN, Address = Bank 1, 25h)
Digital Basic Type A Block 02 Input Register
(DBA02IN, Address = Bank 1, 29h)
Digital Basic Type A Block 03 Input Register
(DBA03IN, Address = Bank 1, 2Dh)
Digital Communications Type A Block 04 Input Register
(DCA04IN, Address = Bank 1, 31h)
Digital Communications Type A Block 05 Input Register
(DCA05IN, Address = Bank 1, 35h)
Table 48:
Digital Basic Type A / Communications Type A Block xx Input Register
Bit #
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
0
0
Read/Write
RW
RW
RW
RW
RW
RW
RW
RW
Bit Name
Data [3]
Data [2]
Data [1]
Data [0]
Clock [3]
Clock [2]
Clock [1]
Clock [0]
Bit [7:4]
: Data [3:0] Data Enable Source Select
0 0 0 0 = Data = 0
0 0 0 1 = Data = 1
0 0 1 0 = Digital Block 03
0 0 1 1 = Chain Function to Previous Block
0 1 0 0 = Analog Column Comparator 0
0 1 0 1 = Analog Column Comparator 1
0 1 1 0 = Analog Column Comparator 2
0 1 1 1 = Analog Column Comparator 3
1 0 0 0 = Global Output[0] (for Digital Blocks 00 to 03) or Global Output[4] (for Digital Blocks 04 to 07)
1 0 0 1 = Global Output[1] (for Digital Blocks 00 to 03) or Global Output[5] (for Digital Blocks 04 to 07)
1 0 1 0 = Global Output[2] (for Digital Blocks 00 to 03) or Global Output[6] (for Digital Blocks 04 to 07)
1 0 1 1 = Global Output[3] (for Digital Blocks 00 to 03) or Global Output[7] (for Digital Blocks 04 to 07)
1 1 0 0 = Global Input[0] (for Digital Blocks 00 to 03) or Global Input[4] (for Digital Blocks 04 to 07)
1 1 0 1 = Global Input[1] (for Digital Blocks 00 to 03) or Global Input[5] (for Digital Blocks 04 to 07)
1 1 1 0 = Global Input[2] (for Digital Blocks 00 to 03) or Global Input[6] (for Digital Blocks 04 to 07)
1 1 1 1 = Global Input[3] (for Digital Blocks 00 to 03) or Global Input[7] (for Digital Blocks 04 to 07)
Bit [3:0]
: Clock [3:0] Clock Source Select
0 0 0 0 = Clock Disabled
0 0 0 1 = Global Output[4] (for Digital Blocks 00 to 03) or Global Output[0] (for Digital Blocks 04 to 07)
0 0 1 0 = Digital Block 03 (Primary Output)
0 0 1 1 = Previous Digital PSoC block (Primary Output)
0 1 0 0 = 48M
0 1 0 1 = 24V1
0 1 1 0 = 24V2
0 1 1 1 = 32k
1 0 0 0 = Global Output[0] (for Digital Blocks 00 to 03) or Global Output[4] (for Digital Blocks 04 to 07)
1 0 0 1 = Global Output[1] (for Digital Blocks 00 to 03) or Global Output[5] (for Digital Blocks 04 to 07)
1 0 1 0 = Global Output[2] (for Digital Blocks 00 to 03) or Global Output[6] (for Digital Blocks 04 to 07)
1 0 1 1 = Global Output[3] (for Digital Blocks 00 to 03) or Global Output[7] (for Digital Blocks 04 to 07)
1 1 0 0 = Global Input[0] (for Digital Blocks 00 to 03) or Global Input[4] (for Digital Blocks 04 to 07)
1 1 0 1 = Global Input[1] (for Digital Blocks 00 to 03) or Global Input[5] (for Digital Blocks 04 to 07)
1 1 1 0 = Global Input[2] (for Digital Blocks 00 to 03) or Global Input[6] (for Digital Blocks 04 to 07)
1 1 1 1 = Global Input[3] (for Digital Blocks 00 to 03) or Global Input[7] (for Digital Blocks 04 to 07)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com