Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 46 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 46 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 42Page - Cypress Semiconductor PSOC Datasheet HTML 43Page - Cypress Semiconductor PSOC Datasheet HTML 44Page - Cypress Semiconductor PSOC Datasheet HTML 45Page - Cypress Semiconductor PSOC Datasheet HTML 46Page - Cypress Semiconductor PSOC Datasheet HTML 47Page - Cypress Semiconductor PSOC Datasheet HTML 48Page - Cypress Semiconductor PSOC Datasheet HTML 49Page - Cypress Semiconductor PSOC Datasheet HTML 50Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
46
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
Digital PSoC Block Interrupt Mask Register (INT_MSK1, Address = Bank 0, E1h)
8.5
Interrupt Vector Register
Interrupt Vector Register (INT_VC, Address = Bank 0, E2h)
Table 45:
Digital PSoC Block Interrupt Mask Register
Bit #
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
0
0
Read/Write
RW
RW
RW
RW
RW
RW
RW
RW
Bit Name
DCA07
DCA06
DCA05
DCA04
DBA03
DBA02
DBA01
DBA00
Bit 7
: DCA07 Interrupt Enable Bit
0 = Disabled
1 = Enabled
Bit 6
: DCA06 Interrupt Enable Bit
0 = Disabled
1 = Enabled
Bit 5
: DCA05 Interrupt Enable Bit
0 = Disabled
1 = Enabled
Bit 4
: DCA04 Interrupt Enable Bit
0 = Disabled
1 = Enabled
Bit 3
: DBA03 Interrupt Enable Bit
0 = Disabled
1 = Enabled
Bit 2
: DBA02 Interrupt Enable Bit
0 = Disabled
1 = Enabled
Bit 1
: DBA01 Interrupt Enable Bit
0 = Disabled
1 = Enabled
Bit 0
: DBA00 Interrupt Enable Bit
0 = Disabled
1 = Enabled
Table 46:
Interrupt Vector Register
Bit #
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
0
0
Read/Write
RW
RW
RW
RW
RW
RW
RW
RW
Bit Name
Data[7]
Data[6]
Data[5]
Data[4]
Data[3]
Data[2]
Data[1]
Data[0]
Bit [7:0]
: Data [7:0]
8-bit data value holds the interrupt vector for the highest priority pending interrupt. Writing to this register will clear all
pending interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com