Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 19Page - Cypress Semiconductor PSOC Datasheet HTML 20Page - Cypress Semiconductor PSOC Datasheet HTML 21Page - Cypress Semiconductor PSOC Datasheet HTML 22Page - Cypress Semiconductor PSOC Datasheet HTML 23Page - Cypress Semiconductor PSOC Datasheet HTML 24Page - Cypress Semiconductor PSOC Datasheet HTML 25Page - Cypress Semiconductor PSOC Datasheet HTML 26Page - Cypress Semiconductor PSOC Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 148 page
background image
CPU Architecture
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
23
Examples
:
2.3.5
Destination Indexed
The result of an instruction using this addressing mode is
placed within either the RAM memory space or the regis-
ter space. Operand 1 is added to the X register forming
the address that points to the location of the result. The
source for the instruction is the A register. Arithmetic
instructions require two sources, the second source is
the location specified by Operand 1 added with the X
register. Instructions using this addressing mode are two
bytes in length.
Example
:
2.3.6
Destination Direct Immediate
The result of an instruction using this addressing mode is
placed within either the RAM memory space or the regis-
ter space. Operand 1 is the address of the result. The
source for the instruction is Operand 2, which is an
immediate value. Arithmetic instructions require two
sources, the second source is the location specified by
Operand 1. Instructions using this addressing mode are
three bytes in length.
Examples
:
2.3.7
Destination Indexed Immediate
The result of an instruction using this addressing mode is
placed within either the RAM memory space or the regis-
ter space. Operand 1 is added to the X register to form
the address of the result. The source for the instruction is
Operand 2, which is an immediate value. Arithmetic
instructions require two sources, the second source is
the location specified by Operand 1 added with the X
register. Instructions using this addressing mode are
three bytes in length.
ADD
[7],
A
;In this case, the
;value in the memory
;location at address
;7 is added with the
;Accumulator, and the
;result is placed in
;the memory location
;at address 7. The
;Accumulator is
;unchanged.
MOV
REG[8], A
;In this case, the
;Accumulator is moved
;to the register
;space location at
;address 8. The
;Accumulator is
;unchanged.
Table 17:
Destination Indexed
Opcode
Operand 1
Instruction
Destination Index
ADD
[X+7],
A
;In this case, the value
;in the memory location
;at address X+7 is added
;with the Accumulator,
;and the result is placed
;in the memory location
;at address x+7. The
;Accumulator is
;unchanged.
Table 18:
Destination Direct Immediate
Opcode
Operand 1
Operand 2
Instruction
Destination Address Immediate Value
ADD
[7],
5
;In this case, value in
;the memory location at
;address 7 is added to
;the immediate value of
;5, and the result is
;placed in the memory
;location at address 7.
MOV
REG[8], 6
;In this case, the
;immediate value of 6 is
;moved into the register
;space location at
;address 8.
Table 19:
Destination Indexed Immediate
Opcode
Operand 1
Operand 2
Instruction
Destination Index
Immediate Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com